Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMB110 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
5
INTERNAL BLOCK DIAGRAM
Channel 5
DEADTIME
+
–
OA
LEVEL
SHIFTER
+
–
GLITCH
FILTER
GLITCH
FILTER
CLAMP
DUTY
CYCLE
LIMIT
OVER VOLTAGE
DETECTION
100k
MAX LIMIT
LOW LIMIT
+
–
OA
LEVEL
SHIFTER
GLITCH
FILTER
GLITCH
FILTER
CLAMP
DUTY
CYCLE
LIMIT
MAX LIMIT
LOW LIMIT
SEQUENCING
LOGIC
ENABLE
ENABLE
ENABLE
DIGITAL TO
ANALOG
CONVERTER
DRIVER
+
–
+
–
OVER VOLTAGE
DETECTION
OVER VOLTAGE
DETECTION
UNDER VOLTAGE
DETECTION
UNDER VOLTAGE
DETECTION
UNDER VOLTAGE
DETECTION
LSDRV0
COMP1_CH0
Channel 0
Negative
PWM Converter
Channel 2 and 3
Synchronous buck
PWM Converter
Channel 1
boost
PWM Converter
with Shutoff
HSDRV[2,3]
LSDRV[2,3]
PCHSEQ_CH1
LSDRV1
VBATT
COMP1_CH[2,3]
COMP2_CH[2,3]
COMP1_CH1
COMP2_CH1
VSTANDBY
VM_CH[2,3]
VREF
VREF
VREF
VREF
OSC
Fixed 800kHz
OSC
Fixed 800kHz
OSC
Fixed 800kHz
MAX LIMIT
LOW LIMIT
LDO_SUPPLY
+
–
PWREN0
+
–
OA
LEVEL
SHIFTER
+
–
+
–
GLITCH
FILTER
GLITCH
FILTER
CLAMP
DUTY
CYCLE
LIMIT
GND
HVSUP[2,3]
VDD_CAP
COMP2_CH0
X2
VREF_OUT
LEVEL
SHIFTER
VREF
SCL
SDA
I2C/SMBUS
+
–
LEVEL
SHIFTER
+
–
DQ
2.5V
REGULATOR
VDD_CAP
UV2
UV1
100u
+
–
COMP
DRIVER
0.2 V
LDO
nBATT_FAULT
BANDGAP
VREF
Standby Series-Pass LDO
+
–
+
–
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com