Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 17Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
13
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Miscellaneous
VIH
Input high voltage
0.9xVDD_CAP
V
VIL
Input low voltage
0.1xVDD_CAP
V
VOL
Open drain outputs
ISINK = 1mA
0
0.4
V
IOL
Output low current
0
1.0
mA
Programmable Monitoring Thresholds
VPUV1
Programmable UV1
threshold
Programmable UV1
threshold voltage
measured on VBATT pin
in 150 mV increments
2.55
3.60
V
∆VPUV1
UV1 accuracy
-20
+20
mV
VPUV2
Programmable UV2
threshold
Programmable UV2
threshold voltage
measured on VBATT pin
in 150 mV increments
2.55
3.60
V
∆VPUV2
UV2 accuracy
-20
+20
mV
-5
-10
-15
PUVTH
Programmable under
voltage threshold
For channels 1-3.
Relative to nominal set
point voltage
-20
%
+5
+10
+15
POVTH
Programmable over voltage
threshold
For channels 1-3.
Relative to nominal set
point voltage
+20
%
-6.2
-12.4
-18.6
PUVTH
Programmable under
voltage threshold
5
For channel 0. VO=-7.5V,
R1=392K, R2=33.2K
-24.8
%
+6.2
+12.4
+18.6
POVTH
Programmable over voltage
threshold
6
For channel 0. VO=-7.5V,
R1=392K, R2=33.2K
+24.8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com