Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 32 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 32 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 31Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 32Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 33Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 34Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
32
The default device ordering number is SMB110NC-323L. It is programmed with the register contents as shown above
and tested over the commercial temperature range. The ordering number is derived from the customer supplied hex file.
New device suffix numbers are assigned to non-default requirements.
DEFAULT CONFIGURATION REGISTER SETTINGS – SMB110NC-323L
Register
Contents
Register
Contents
Register
Contents
R0
D7
R15
00
R2C
02
R3
60
R16
20
R2D
00
R4
7D
R17
00
R2E
39
R5
A5
R18
02
R2F
2E
R8
30
R1B
02
R50
CF
RB
60
R1C
02
R53
5B
RC
50
R1D
02
R54
71
RD
40
R20
30
R57
95
R10
96
R23
30
R58
DF
R11
5A
R24
30
R5B
65
R12
14
R27
30
R5C
8A
R13
50
R2A
03
R5D
B6
R14
A0
R2B
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com