Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 22 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 22 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 26Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
22
APPLICATIONS INFORMATION (CONTINUED)
voltage, which varies from 1.0 – 2.0V in 8 mV
increments
LDO STANDBY VOLTAGE
The SMB110 has an internal 3.3 volt Low Dropout
(LDO) linear regulator. While the battery voltage is
above the UV2 level this supply is powered from the
LDO_SUPPLY pin, however, when the battery voltage
drops below the UV2 level the LDO supply voltage will
be routed to the battery through an internal analog
multiplexer. The LDO will continue to be supplied by the
battery until the latched UV2 pin is released. The LDO
will be disabled once the Battery voltage falls below the
UV2 level.
SOFT START
The SMB110 provides a programmable soft-start
function for all PWM outputs. The soft-start control
limits the slew rate that each output is allowed to ramp
up without the need for an external capacitor. The soft
start slew rate is proportional to the product of the
output voltage and a slew rate reference; see Figure 5.
This global reference is programmable and may be set
to 400,200,100,67,50,33,25, and 20 volts per second.
The slew rate control can also be disabled on any
channel not requiring the feature.
R1
COMP1
VREF
R1
R2
COMP1
VOUT
R2
1.0V
Vout
VREF_OUT
CHANNEL 0
CHANNELS 1 TO 3
R1 AND R2 INTERNAL
FOR CHANNELS 2 AND 3
+
–
+
–
Figure 6: The output voltage is set by the resistor divider. The resistor divider is internal for all buck channels.
VREF is programmable from 0 to 1.0V in 4 mV increments and VREF_OUT is programmable from 1.0 to 2.0V in 8
mV increments. All voltage references are programmable via the I
2C interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com