Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 22Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
18
CHANNEL 2 BUCK TRANSIENT
RESPONSE
VIN = 4.2V VOUT = 5.0V
VIN = 4.2V VOUT = 1.2V
VIN = 4.2V VOUT = 2.5
VIN = 4.2V VOUT = 3.0V
0V
0A
0V
0V
0V
0V
0V
0A
0A
0A
0A
0A
CHANNEL 2 BUCK TRANSIENT
RESPONSE
CHANNEL 3 BUCK TRANSIENT
RESPONSE
CHANNEL 3 BUCK TRANSIENT
RESPONSE
CHANNEL 0 INVERTING TRANSIENT
RESPONSE
VIN = 4.2V VOUT = -7.5V
VIN = 4.2V VOUT = 12V
CHANNEL 1 STEP UP TRANSIENT
RESPONSE
200 us/div
200 us/div
200 us/div
200 us/div
200 us/div
200 us/div
ISD
100mA/div
VSU
AC-COUPLED
50mV/div
ISD
5mA/div
ISD
10mA/div
ISD
100mA/div
ISD
200mA/div
ISD
100mA/div
TRANSIENT RESPONSE
(All measurements are taken at 25°C, and are based on the Applications Schematic.)
VSU
AC-COUPLED
50mV/div
VSU
AC-COUPLED
50mV/div
VSU
AC-COUPLED
50mV/div
VSU
AC-COUPLED
50mV/div
VSU
AC-COUPLED
50mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com