Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 29 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 29 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 31Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 32Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 33Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
29
I2C PROGRAMMING INFORMATION
SERIAL INTERFACE
Access to the configuration registers, general-purpose
memory and command and status registers is carried
out over an industry standard 2-wire serial interface
(I
2C). SDA is a bi-directional data line and SCL is a clock
input. Data is clocked in on the rising edge of SCL and
clocked out on the falling edge of SCL. All data transfers
begin with the MSB. During data transfers, SDA must
remain stable while SCL is high. Data is transferred in 8-
bit packets with an intervening clock period in which an
Acknowledge is provided by the device receiving data.
The SCL high period (tHIGH) is used for generating Start
and Stop conditions that precede and end most
transactions on the serial bus. A high-to-low transition of
SDA while SCL is high is considered a Start condition
while a low-to-high transition of SDA while SCL is high is
considered a Stop condition.
The interface protocol allows operation of multiple
devices and types of devices on a single bus through
unique device addressing.
The address byte is
comprised of a 7-bit device type identifier (slave
address). The remaining bit indicates either a read or a
write operation. Refer to Table 1 for a description of the
address bytes used by the SMB110.
The device type identifier for the memory array, the
configuration registers and the command and status
registers are accessible with the same slave address.
The slave address can be can be programmed to any
seven bit number 0000000BIN through 1111111BIN.
WRITE
Writing to the memory or a configuration register is
illustrated in Figures 11 and 12.
A Start condition
followed by the slave address byte is provided by the
host; the SMB110 responds with an Acknowledge; the
host then responds by sending the memory address
pointer or configuration register address pointer; the
SMB110 responds with an acknowledge; the host then
clocks in one byte of data.
For memory and
configuration register writes, up to 15 additional bytes of
data can be clocked in by the host to write to
consecutive addresses within the same page.
After the last byte is clocked in and the host receives an
Acknowledge, a Stop condition must be issued to initiate
the nonvolatile write operation.
READ
The address pointer for the non-volatile configuration
registers and memory registers as well as the volatile
command and status registers must be set before data
can be read from the SMB110. This is accomplished by
issuing a dummy write command, which is a write
command that is not followed by a Stop condition. A
dummy write command sets the address from which
data is read. After the dummy write command is issued,
a Start command followed by the address byte is sent
from the host. The host then waits for an Acknowledge
and then begins clocking data out of the slave device.
The first byte read is data from the address pointer set
during the dummy write command. Additional bytes can
be clocked out of consecutive addresses with the host
providing an Acknowledge after each byte. After the
data is read from the desired registers, the read
operation is terminated by the host holding SDA high
during the Acknowledge clock cycle and then issuing a
Stop condition. Refer to Figure 13 for an illustration of
the read sequence.
CONFIGURATION REGISTERS
The configuration registers are grouped with the general-
purpose memory.
GENERAL-PURPOSE MEMORY
The
96-byte
general-purpose
memory
block
is
segmented into two continuous independently lockable
blocks. The first 48-byte memory block begins at register
address pointer A0HEX and the second memory block
begins at the register address pointer C0HEX; see Table
1. Each memory block can be locked individually by
writing to a dedicated register in the configuration
memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com