Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
11
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Error Amplifier
VACC
Threshold Voltage accuracy
0.2
%
TS
Temperature stability
0.2
%
AVOL
Open loop voltage Gain
At DC
60
dB
BW
Frequency bandwidth
At AV=0 dB
30
MHz
ISOURCE
Output source current
At 0.5V
20
µA
ISINK
Output sink current
At 0.5V
800
µA
LDO
VOUT
Nominal output voltage
LDO_SUPPLY = 4.2V,
ILOAD=0A
3.3
V
∆VOUT
Output voltage accuracy
Percent of 3.3V output @
10mA, LDO_SUPPLY = 4.2V
0.3
%
∆VLOAD
Load regulation error
0.3
%/V
∆VLINE
Line regulation error
No load
0.17
%/mA
PSRR
Power supply rejection ratio
20log(Vout/Vin) @ 10kHz
50
dB
IQ
Quiescent current
VBATT = 4.2V, ILOAD=0A
50
µA
IOUT = 1 mA
20
IOUT = 5 mA
100
IOUT = 10 mA
200
IOUT = 15 mA
300
VDO
Dropout voltage
IOUT = 20 mA
400
mV
ILIMIT
Maximum output current
40
mA
VN
Output Noise voltage
Peak to peak
1
mV
Inverting Output Block Channel 0
VOUT
Programmable voltage set point
range
VBATT=4.2V, ILOAD=0
-35
-0.5
V
∆VOUT
Output accuracy
Excluding external resistor
divider accuracy
0.5
%
VCOMP1
Feedback voltage reference
COMP1 pin
1.0
V
∆ VCOMP1
Feedback voltage reference
accuracy
COMP1 pin
-0.2
+0.2
%
ROH
17
RON
LSDRV Output ON resistance
ROL
3
Ω
High
85
95
D.C.
LSDRV Duty Cycle
Low
5
15
%
VREF_OUT
Level shift voltage reference
VREF_OUT pin programmable
in 8mV steps
1
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com