Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMB110 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
4
SMB110
COMP2_CH3
VM_CH3
GND
VBATT
nRESET
SDA
SCL
+0.8V to 0.9 x VIN @ 2A
1.1 x VIN to 10 xVIN @ UP TO 1A
+2.7 to +6.0V
VDDCAP
COMP2_CH1
COMP1_CH1
LSDRV_CH0
VREFOUT
COMP2_CH0
-0.8V to -10 x VIN @ UP TO 1A
HVSUP3
COMP1_CH0
PWREN0
LSDRV_CH3
LSDRV_CH1
COMP1_CH3
HSDRV_CH3
COMP2_CH2
VM_CH2
+0.8V to 0.9 x VIN @ 2A
HVSUP2
LSDRV_CH2
COMP1_CH2
HSDRV_CH2
PCHSEQ_CH1
HOST_RESET
DRVGND
HEALTHY
VSTANDBY
LDO_SUPPLY
3.3V @ 20mA
TYPICAL APPLICATION
Figure 2 – Typical application schematic showing external circuitry necessary to configure the SMB110
channels as: step-up, step-down, and inverting outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com