Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 28 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 28 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 31Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 32Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
28
DEVELOPMENT HARDWARE & SOFTWARE
The end user can obtain the Summit SMX3200 parallel
port programming system or the I
2C2USB (SMX3201)
USB
programming
system
for
device
prototype
development. The SMX3200(1) systems consists of a
programming Dongle, cable and Windows
TM
GUI
software. It can be ordered on the website or from a
local representative. The latest revisions of all software
and an application brief describing the SMX3200 and
SMX3201
are
available
from
the
website
(http://www.summitmicro.com).
The SMX3200 programming Dongle/cable interfaces
directly between a PC’s parallel port and the target
application; while the SMX3201 interfaces directly to the
PC’s USB port and the target application. The device is
then configured on-screen via an intuitive graphical user
interface employing drop-down menus.
The Windows GUI software will generate the data and
send it in I
2C serial bus format so that it can be directly
downloaded to the SMB110 via the programming Dongle
and cable. An example of the connection interface is
shown in Figure 11.
When design prototyping is complete, the software can
generate a HEX data file that should be transmitted to
Summit for approval. Summit will then assign a unique
customer ID to the HEX code and program production
devices before the final electrical test operations. This
will ensure proper device operation in the end
application.
Pin 9, 5.0V
Pin 7, 10V
Pin 5, Reserved
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, Reserved
Pin 10, Reserved
Top view of straight 0.1" x 0.1 closed-side
connector. SMX3200(1) interface cable
connector.
9
7
5
3
1
10
8
6
4
2
SMB110
SDA
SCL
GND
0.1
µF
Figure 10 -- SMX3200(1) Programmer I
2C serial bus connections to program the SMB110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com