Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB110 Datasheet(PDF) 21 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 21 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 25Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
21
APPLICATIONS INFORMATION (CONTINUED)
MANUAL MODE
The SMB110 also provides a manual power-on mode in
which each channel may be enabled individually
irrespective of the state of other channels. In this mode,
the enable has complete control over the channel, and
all sequencing is ignored. In Manual mode channels will
not be disabled in the event of a fault.
POWER OFF OPTIONS
FORCE-SHUTDOWN
When a battery fault occurs, a UV or OV is detected on
any PWM channel, or an I
2C force-shutdown command
is issued, all channels will be immediately disabled.
SEQUENCE TERMINATION TIMER
At the beginning of each sequence position, an internal
programmable timer will begin to time out. When this
timer has expired, the SMB110 will automatically
perform a force-shutdown operation. This timer is user
programmable
with
a
programmable
sequence
termination period (tPST) of 50,100,200 ms; this function
can also be disabled.
POWER OFF SEQUENCING
The SMB110 has a power-off sequencing operation.
During a power off operation the supplies will be
powered off in the reverse order they where powered
on in. During the power off sequencing, all enables are
ignored.
When a power-off command is issued the SMB110 will
set the sequence position counter to the last sequence
position and disable that channel without soft-start
control; once off, the power off delay for the channel(s)
in the next to last sequence position will begin to
timeout, after which that channel(s) will be disabled.
This process will continue until all channels have been
disabled and are off. The programmable power-off
sequence timeout period (tDPOFF) can be set to 1.5,
12.5, 25, or 50 ms.
If a channel fails to turn off within the sequence
termination period, the sequence termination timer will
initiate a force shutdown, if enabled.
MONITORING
The SMB110 monitors all 4 PWM outputs for under-
voltage (UV) and over-voltage (OV) faults. The
monitored levels are user programmable, and may be
set at 5,10, 15, and 20 percent of the nominal output
voltage.
Each output possesses a glitch filter to ensure that
short violations in the UV or OV settings will not result
in a fault-triggered action. All glitch filters on the
SMB110 are user programmable and may be set to
either 0 or 8 µs.
In the event that one or more channels violate their
respective UV/OV setting for a period exceeding that
specified by the glitch filter, all channels (not set to
Manual mode) can optionally be powered off and-or,
the healthy pin can be triggered. The programmable
power off conditions that may result from a threshold
violation include the immediate power off all supplies
(force-shutdown) or the sequence of all supplies off.
Monitoring is accomplished by a comparator-based
approach, in which a programmable voltage reference
is compared against the monitored signal. Each
channel possesses a dedicated reference voltage
generated by a programmable level shifting digital to
analog converter. Each of which can be set from 0-1.0
volts in 4mV increments.
BATTERY MONITORING
The battery voltage is monitored for two user
programmable UV settings via the VBATT pin
The SMB110 contains two user programmable voltage-
monitoring levels, UV1 and UV2. Battery voltage, like
all monitored voltages, is compared against a user
programmable voltage set internally by a digital to
analog converter.
Once the voltage on the VBATT pin has fallen below
either of the programmable under voltage set points the
SMB110 can be programmed to respond in one of
three ways, it can perform: a power-off operation, a
force-shutdown operation, or take no action. When
programmed to perform a power-off or force-shutdown
operation the SMB110 can optionally be programmed
to latch the outputs off until an I
2C power-on command
is issued or immediately restart once the UV condition
has been removed.
OUTPUT VOLTAGE
The PWM output voltages are set by a resistor divider
from the output to the COMP1 node; see Figure 6. For
the buck channels (Ch[2:3]), the voltage divider is
internal to the part and programmable. The resistor
divider may be set by adjusting a 100 kΩ resistor string
with 8 taps from R1 = 20-90 kΩ. For the boost output
(Ch1), the resistor divider is external and any
appropriate value of R1 an R2 can be chosen. The
reference voltage that sets the output is user
programmable, and may be set anywhere from 0-1.0V
in 4 mV increments for channels 1 to 3, channel 0 is
fixed at 1.0V. The Channel 0 inverting output is set by
the external resistor divider and the VREF_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com