Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 21Page - Microchip Technology MCP3422 Datasheet HTML 22Page - Microchip Technology MCP3422 Datasheet HTML 23Page - Microchip Technology MCP3422 Datasheet HTML 24Page - Microchip Technology MCP3422 Datasheet HTML 25Page - Microchip Technology MCP3422 Datasheet HTML 26Page - Microchip Technology MCP3422 Datasheet HTML 27Page - Microchip Technology MCP3422 Datasheet HTML 28Page - Microchip Technology MCP3422 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 25
MCP3422/3/4
5.4
General Call
The device acknowledges the general call address
(0x00 in the first byte). The meaning of the general call
address is always specified in the second byte. Refer
to Figure 5-6. The device supports the following three
general calls.
For more information on the general call, or other I2C
modes, please refer to the Phillips I2C specification.
5.4.1
GENERAL CALL RESET
The general call reset occurs if the second byte is
‘00000110’
(06h). At the acknowledgement of this
byte, the device will abort current conversion and
perform the following tasks:
(a) Internal reset similar to a Power-On-Reset (POR).
All configuration and data register bits are reset to
default values.
(b) Latch the logic status of external address selection
pins (Adr0 and Adr1 pins).
5.4.2
GENERAL CALL LATCH (MCP3423
AND MCP3424)
The general call latch occurs if the second byte is
‘00000100’
(04h). The device will latch the logic
status of the external address selection pins (Adr0 and
Adr1 pins), but will not perform a reset.
5.4.3
GENERAL CALL CONVERSION
The general call conversion occurs if the second byte
is ‘00001000’ (08h). All devices on the bus initiate a
conversion simultaneously. When the device receives
this command, the configuration will be set to the One-
Shot Conversion mode and a single conversion will be
performed. The PGA and data rate settings are
unchanged with this general call.
FIGURE 5-6:
General Call Address
Format.
5.5
High-Speed (HS) Mode
The I2C specification requires that a high-speed mode
device must be ‘activated’ to operate in high-speed
mode. This is done by sending a special address byte
of “00001XXX” following the START bit. The “XXX” bits
are unique to the High-Speed (HS) mode Master. This
byte is referred to as the High-Speed (HS) Master
Mode Code (HSMMC). The MCP3422/3/4 devices do
not acknowledge this byte. However, upon receiving
this code, the device switches on its HS mode filters
and communicates up to 3.4 MHz on SDA and SCL
bus lines. The device will switch out of the HS mode on
the next STOP condition.
For more information on the HS mode, or other I2C
modes, please refer to the Philips I2C specification.
5.6
I2C Bus Characteristics
The I2C specification defines the following bus
protocol:
• Data transfer may be initiated only when the bus
is not busy
• During data transfer, the data line must remain
stable whenever the clock line is HIGH. Changes
in the data line while the clock line is HIGH will be
interpreted as a START or STOP condition
Accordingly, the following bus conditions have been
defined using Figure 5-7.
5.6.1
BUS NOT BUSY (A)
Both data and clock lines remain HIGH.
5.6.2
START DATA TRANSFER (B)
A HIGH to LOW transition of the SDA line while the
clock (SCL) is HIGH determines a START condition. All
commands must be preceded by a START condition.
5.6.3
STOP DATA TRANSFER (C)
A LOW to HIGH transition of the SDA line while the
clock (SCL) is HIGH determines a STOP condition. All
operations can be ended with a STOP condition.
5.6.4
DATA VALID (D)
The state of the data line represents valid data when,
after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal.
The data on the line must be changed during the LOW
period of the clock signal. There is one clock pulse per
bit of data.
Each data transfer is initiated with a START condition
and terminated with a STOP condition.
LSB
First Byte
ACK
X
0
0
0
0
0
0
0
0 A
A
XX X X XX X
(General Call Address)
Second Byte
Note:
The I2C specification does not allow
‘00000000’
(00h) in the second byte.
S
S
START
ACK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com