Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 50Page - Microchip Technology MCP3422 Datasheet HTML 51Page - Microchip Technology MCP3422 Datasheet HTML 52Page - Microchip Technology MCP3422 Datasheet HTML 53Page - Microchip Technology MCP3422 Datasheet HTML 54Page - Microchip Technology MCP3422 Datasheet HTML 55Page - Microchip Technology MCP3422 Datasheet HTML 56Page - Microchip Technology MCP3422 Datasheet HTML 57Page - Microchip Technology MCP3422 Datasheet HTML 58Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 55
MCP3422/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3422:
2-Channel 18-Bit ADC
MCP3423:
2-Channel 18-Bit ADC
MCP3424:
4-Channel 18-Bit ADC
Address Options:
XX
= Address Options. Refer to table below.
For MCP3422 only.
Tape and Reel
T
= Tape and Reel
Temperature Range: E
=
-40°C to +125°C
Package:
MC = Plastic Dual Flat, No Lead (2x3 DFN), 8-lead
MF = Plastic Dual Flat, No Lead (3x3 DFN) 10-lead
MS = Plastic Micro Small Outline (MSOP), 8-lead
SL
= Plastic SOIC (150 mil Body), 14-lead
SN = Plastic SOIC (3.90mm Body), 8-lead,
ST
= Plastic TSSOP (4.4mm Body), 14-lead
UN = Plastic Micro Small Outline (MSOP), 10-lead
Examples:
MCP3422
a)
MCP3422A0-E/MC: 2-Channel ADC,
A0 Address Option,
8LD DFN package.
b)
MCP3422A0T-E/MC: Tape and Reel,
2-Channel ADC,
A0 Address Option,
8LD DFN package.
c)
MCP3422A0-E/MS: 2-Channel ADC,
A0 Address Option,
8LD MSOP package.
d)
MCP3422A0T-E/MS: Tape and Reel,
2-Channel ADC,
A0 Address Option,
8LD MSOP package.
e)
MCP3422A0-E/SN:
2-Channel ADC,
A0 Address Option,
8LD SOIC package.
f)
MCP3422A0T-E/SN: Tape and Reel,
2-Channel ADC,
A0 Address Option,
8LD SOIC package.
MCP3423
a)
MCP3423-E/MF:
2-Channel ADC,
10LD DFN package.
b)
MCP3423T-E/MF:
Tape and Reel,
2-Channel ADC,
10LD DFN package.
c)
MCP3423-E/UN:
2-Channel ADC,
10LD MSOP pkg.
d)
MCP3423T-E/UN:
Tape and Reel,
2-Channel ADC,
10LD MSOP pkg.
MCP3424
a)
MCP3424-E/SL:
4-Channel ADC,
14LD SOIC package.
b)
MCP3424T-E/SL:
Tape and Reel,
4-Channel ADC,
14LD SOIC package.
c)
MCP3424-E/ST:
4-Channel ADC,
14LD TSSOP pkg.
d)
MCP3424T-E/ST:
Tape and Reel,
4-Channel ADC,
14LD TSSOP pkg.
PART NO.
X
/XX
Package
Temperature
Range
Device
XX
Address
Options
X
Tape and
Reel
Address Options for MCP3422:
Address Options
* XX
A2
A1
A0
A0 * =
0
0
0
A1 =
0
0
1
A2 =
0
1
0
A3 =
0
1
1
A4 =
1
0
0
A5 =
1
0
1
A6 =
1
1
0
A7 =
1
1
1
*
Default option. Contact Microchip factory for other address
options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com