Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 7Page - Microchip Technology MCP3422 Datasheet HTML 8Page - Microchip Technology MCP3422 Datasheet HTML 9Page - Microchip Technology MCP3422 Datasheet HTML 10Page - Microchip Technology MCP3422 Datasheet HTML 11Page - Microchip Technology MCP3422 Datasheet HTML 12Page - Microchip Technology MCP3422 Datasheet HTML 13Page - Microchip Technology MCP3422 Datasheet HTML 14Page - Microchip Technology MCP3422 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 11
MCP3422/3/4
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Inputs (CHn+, CHn-)
CHn+ and CHn- are differential input pins for
channel n. The user can also connect CHn- pin to VSS
for a single-ended operation. See Figure 6-4 for
differential and single-ended connection examples.
The maximum voltage range on each differential input
pin is from VSS-0.3V to VDD+0.3V. Any voltage below or
above this range will cause leakage currents through
the Electrostatic Discharge (ESD) diodes at the input
pins.
This ESD current can cause unexpected performance
of the device. The input voltage at the input pins should
be within the specified operating range defined in
Section 1.0
“Electrical
Characteristics”
and
Section 4.0 “Description of Device Operation”.
See Section 4.5 “Input Voltage Range” for more
details of the input voltage range.
Figure 3-1 shows the input structure of the device. The
device uses a switched capacitor input stage at the
front end. CPIN is the package pin capacitance and
typically about 4 pF. D1 and D2 are the ESD diodes.
CSAMPLE is the differential input sampling capacitor.
3.2
Supply Voltage (VDD, VSS)
VDD is the power supply pin for the device. This pin
requires an appropriate bypass ceramic capacitor of
about 0.1 µF to ground to attenuate high frequency
noise presented in application circuit board. An
additional 10 µF capacitor (tantalum) in parallel is also
recommended to further attenuate current spike
noises. The supply voltage (VDD) must be maintained
in the 2.7V to 5.5V range for specified operation.
VSS is the ground pin and the current return path of the
device. The user must connect the VSS pin to a ground
plane through a low impedance connection. If an
analog ground path is available in the application PCB
(printed circuit board), it is highly recommended that
the VSS pin be tied to the analog ground path or
isolated within an analog ground plane of the circuit
board.
MCP3422
MCP3423
MCP3424
Sym
Description
DFN
MSOP,
SOIC
DFN
MSOP
SOIC,
TSSOP
1
1
1
1
1
CH1+
Positive Differential Analog Input Pin of Channel 1
2
2
2
2
2
CH1-
Negative Differential Analog Input Pin of Channel 1
7
7
4
4
3
CH2+
Positive Differential Analog Input Pin of Channel 2
8
8
5
5
4
CH2-
Negative Differential Analog Input Pin of Channel 2
66
3
3
5
VSS
Ground Pin
33
6
6
6
VDD
Positive Supply Voltage Pin
4
4
7
7
7
SDA
Bidirectional Serial Data Pin of the I2C Interface
5
5
8
8
8
SCL
Serial Clock Pin of the I2C Interface
——
9
9
9
Adr0
I2C Address Selection Pin. See Section 5.3.2.
—
—
10
10
10
Adr1
I2C Address Selection Pin. See Section 5.3.2.
—
—
—
—
11
CH3+
Positive Differential Analog Input Pin of Channel 3
—
—
—
—
12
CH3-
Negative Differential Analog Input Pin of Channel 3
—
—
—
—
13
CH4+
Positive Differential Analog Input Pin of Channel 4
—
—
—
—
14
CH4-
Negative Differential Analog Input Pin of Channel 4
9
—
11
—
—
EP
Exposed Thermal Pad (EP); must be connected to
VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com