Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 14Page - Microchip Technology MCP3422 Datasheet HTML 15Page - Microchip Technology MCP3422 Datasheet HTML 16Page - Microchip Technology MCP3422 Datasheet HTML 17Page - Microchip Technology MCP3422 Datasheet HTML 18Page - Microchip Technology MCP3422 Datasheet HTML 19Page - Microchip Technology MCP3422 Datasheet HTML 20Page - Microchip Technology MCP3422 Datasheet HTML 21Page - Microchip Technology MCP3422 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
MCP3422/3/4
DS22088C-page 18
© 2009 Microchip Technology Inc.
5.2
Configuration Register
The device has an 8-bit wide configuration register to
select for: input channel, conversion mode, conversion
rate, and PGA gain. This register allows the user to
change the operating condition of the device and check
the status of the device operation.
The user can rewrite the configuration byte any time
during the device operation. Register 5-1 shows the
configuration register bits.
REGISTER 5-1:
CONFIGURATION REGISTER
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
RDY
C1
C0
O/C
S1
S0
G1
G0
1 *
0 *
0 *
1 *
0 *
0 *
0 *
0 *
bit 7
bit 0
* Default Configuration after Power-On Reset
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RDY: Ready Bit
This bit is the data ready flag. In read mode, this bit indicates if the output register has been updated
with a latest conversion result. In One-Shot Conversion mode, writing this bit to “1” initiates a new
conversion.
Reading RDY bit with the read command:
1
= Output register has not been updated
0
= Output register has been updated with the latest conversion result
Writing RDY bit with the write command:
Continuous Conversion mode: No effect
One-Shot Conversion mode:
1
= Initiate a new conversion
0
= No effect
bit 6-5
C1-C0: Channel Selection Bits
00
=
Select Channel 1 (Default)
01
=
Select Channel 2
10
=
Select Channel 3 (MCP3424 only, treated as “00” by the MCP3422/MCP3423)
11
=
Select Channel 4 (MCP3424 only, treated as “01” by the MCP3422/MCP3423)
bit 4
O/C: Conversion Mode Bit
1
= Continuous Conversion Mode (Default). The device performs data conversions continuously
0
= One-Shot Conversion Mode. The device performs a single conversion and enters a low power
standby mode until it receives another write or read command
bit 3-2
S1-S0: Sample Rate Selection Bit
00
=
240 SPS (12 bits) (Default)
01
=
60 SPS (14 bits)
10
=
15 SPS (16 bits)
11
=
3.75 SPS (18 bits)
bit 1-0
G1-G0: PGA Gain Selection Bits
00
=x1 (Default)
01
=x2
10
=x4
11
=x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com