Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 29Page - Microchip Technology MCP3422 Datasheet HTML 30Page - Microchip Technology MCP3422 Datasheet HTML 31Page - Microchip Technology MCP3422 Datasheet HTML 32Page - Microchip Technology MCP3422 Datasheet HTML 33Page - Microchip Technology MCP3422 Datasheet HTML 34Page - Microchip Technology MCP3422 Datasheet HTML 35Page - Microchip Technology MCP3422 Datasheet HTML 36Page - Microchip Technology MCP3422 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 33
MCP3422/3/4
6.2
Application Examples
The MCP3422/3/4 devices can be used for broad
ranges of sensor and data acquisition applications.
Figure 6-5 shows a circuit example measuring both the
battery voltage and current using the MCP3422 device.
Channels 1 and 2 are measuring the voltage and the
current, respectively.
When the input voltage is greater than the internal ref-
erence voltage (VREF = 2.048V), it needs a voltage
divider circuit to prevent the output code from being
saturated. In the example, R1 and R2 form a voltage
divider. The R1 and R2 are set to yield VIN to be less
than the internal reference voltage (VREF = 2.048V).
For the current measurement, the device measure the
voltage across the current sensor, and converts it by
dividing the measured voltage by a known resistance
value. The voltage drops across the sensor is waste.
Therefore, the current measurement often prefers to
use a current sensor with smaller resistance value,
which, in turn, requires high resolution ADC device.
The device can measure the input voltage as low as
2 µV range (or current in ~ µA range) with 18 bit
resolution and PGA = 8 settings.
The MSB (= sign bit) of the output code determines the
direction of the current, which identifies the charging or
the discharging current.
FIGURE 6-5:
Battery Voltage and Charging/Discharging Current Measurement.
5k
Ω
VDD
VSS
0.1 µF
10 µF
To MCU
(MASTER)
SCL
SDA
5k
Ω
CH2+
SCL
CH2-
R1
R2
Battery
(Rechargeable)
2
3
4
5
6
7
CH1-
SDA
1
8
CH1+
VDD
Current Sensor
To Load
To Battery
Discharging Current
Charging
Current
R1 and R2 = Voltage Divider
V
IN
R
2
R
1
R
2
+
------------------
V
BAT
×
=
VIN
VBAT
MCP3422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com