Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 9Page - Microchip Technology MCP3422 Datasheet HTML 10Page - Microchip Technology MCP3422 Datasheet HTML 11Page - Microchip Technology MCP3422 Datasheet HTML 12Page - Microchip Technology MCP3422 Datasheet HTML 13Page - Microchip Technology MCP3422 Datasheet HTML 14Page - Microchip Technology MCP3422 Datasheet HTML 15Page - Microchip Technology MCP3422 Datasheet HTML 16Page - Microchip Technology MCP3422 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 13
MCP3422/3/4
4.0
DESCRIPTION OF DEVICE
OPERATION
4.1
General Overview
The MCP3422/3/4 devices are differential multi-
channel low-power, 18-Bit Delta-Sigma A/D converters
with an I2C serial interface. The devices contain an
input
channel
selection
multiplexer
(mux),
a
programmable gain amplifier (PGA), an on-board
voltage reference (2.048V), and an internal oscillator.
When the device powers up (POR is set), it
automatically resets the configuration bits to default
settings.
Device default settings are:
• Conversion bit resolution: 12 bits (240 sps)
• Input channel: Channel 1
• PGA gain setting: x1
• Continuous conversion
Once the device is powered-up, the user can
reprogram the configuration bits using I2C serial
interface any time. The configuration bits are stored in
volatile memory.
User selectable options are:
• Conversion bit resolution: 12, 14, 16, or 18 bits
• Input channel selection: CH1, CH2, CH3, or CH4.
• PGA Gain selection: x1, x2, x4, or x8
• Continuous or one-shot conversion
In the Continuous Conversion mode, the device
converts the inputs continuously. While in the One-Shot
Conversion mode, the device converts the input one
time and stays in the low-power standby mode until it
receives another command for a new conversion.
During the standby mode, the device consumes less
than 1 µA maximum.
4.2
Power-On-Reset (POR)
The device contains an internal Power-On-Reset
(POR) circuit that monitors power supply voltage (VDD)
during operation. This circuit ensures correct device
start-up at system power-up and power-down events.
The device resets all configuration register bits to
default settings as soon as the POR is set.
The POR has built-in hysteresis and a timer to give a
high degree of immunity to potential ripples and noises
on the power supply. A 0.1 µF decoupling capacitor
should be mounted as close as possible to the VDD pin
for additional transient immunity.
The threshold voltage is set at 2.2V with a tolerance of
approximately ±5%. If the supply voltage falls below
this threshold, the device will be held in a reset
condition. The typical hysteresis value is approximately
200 mV.
The POR circuit is shut-down during the low-power
standby mode. Once a power-up event has occurred,
the
device
requires
additional
delay
time
(approximately 300 µs) before a conversion takes
place. During this time, all internal analog circuitries are
settled before the first conversion occurs. Figure 4-1
illustrates the conditions for power-up and power-down
events under typical start-up conditions.
FIGURE 4-1:
POR Operation.
4.3
Internal Voltage Reference
The device contains an on-board 2.048V voltage
reference. This reference voltage is for internal use
only and not directly measurable. The specification of
the reference voltage is part of the device’s gain and
drift specifications. Therefore, there is no separate
specification for the on-board reference.
4.4
Analog Input Channels
The user can select the input channel using the
configuration register bits. Each channel can be used
for differential or single-ended input.
Each input channel has a switched capacitor input
structure. The internal sampling capacitor (3.2 pF for
PGA = 1) is charged and discharged to process a
conversion. The charging and discharging of the input
sampling capacitor creates dynamic input currents at
each input pin. The current is a function of the
differential input voltages, and inversely proportional to
the internal sampling capacitance, sampling frequency,
and PGA setting.
VDD
2.2V
2.0V
300 µS
Reset Start-up
Normal Operation
Reset
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com