Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 8Page - Microchip Technology MCP3422 Datasheet HTML 9Page - Microchip Technology MCP3422 Datasheet HTML 10Page - Microchip Technology MCP3422 Datasheet HTML 11Page - Microchip Technology MCP3422 Datasheet HTML 12Page - Microchip Technology MCP3422 Datasheet HTML 13Page - Microchip Technology MCP3422 Datasheet HTML 14Page - Microchip Technology MCP3422 Datasheet HTML 15Page - Microchip Technology MCP3422 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
MCP3422/3/4
DS22088C-page 12
© 2009 Microchip Technology Inc.
FIGURE 3-1:
Equivalent Analog Input Circuit.
3.3
Serial Clock Pin (SCL)
SCL is the serial clock pin of the I2C interface. The
device act only as a slave and the SCL pin accepts
only external serial clocks. The input data from the
Master device is shifted into the SDA pin on the rising
edges of the SCL clock and output from the slave
device occurs at the falling edges of the SCL clock.
The SCL pin is an open-drain N-channel driver.
Therefore, it needs a pull-up resistor from the VDD line
to the SCL pin. Refer to Section 5.3 “I2C Serial Com-
munications” for more details of I2C Serial Interface
communication.
3.4
Serial Data Pin (SDA)
SDA is the serial data pin of the I2C interface. The SDA
pin is used for input and output data. In read mode, the
conversion result is read from the SDA pin (output). In
write mode, the device configuration bits are written
(input) though the SDA pin. The SDA pin is an open-
drain N-channel driver. Therefore, it needs a pull-up
resistor from the VDD line to the SDA pin. Except for
start and stop conditions, the data on the SDA pin must
be stable during the high period of the clock. The high
or low state of the SDA pin can only change when the
clock signal on the SCL pin is low. Refer to Section 5.3
“I2C Serial Communications” for more details of I2C
Serial Interface communication.
Typical range of the pull-up resistor value for SCL and
SDA is from 5 k
Ω to 10 kΩ for standard (100 kHz) and
fast (400 kHz) modes, and less than 1 k
Ω for high
speed mode (3.4 MHz).
3.5
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the VSS pin; they must
be connected to the same potential on the Printed
Circuit Board (PCB).
CPIN
V
RSS CHn
4pF
VT = 0.6V
VT = 0.6V
ILEAKAGE
Sampling
Switch
SS
RS
CSAMPLE
(3.2 pF)
VDD
(~ ±1 nA)
LEGEND
V
=
Signal Source
ILEAKEAGE
=
Leakage Current at Analog Pin
RSS
=
Source Impedance
SS
=
Sampling Switch
CHn
=
Analog Input Pin
RS
=
Sampling Switch Resistor
CPIN
=
Input Pin Capacitance
CSAMPLE
=
Sample Capacitance
VT
=
Threshold Voltage
D1, D2 =
ESD Protection Diode
D1
D2
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com