Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3422 Datasheet HTML 1Page - Microchip Technology MCP3422 Datasheet HTML 2Page - Microchip Technology MCP3422 Datasheet HTML 3Page - Microchip Technology MCP3422 Datasheet HTML 4Page - Microchip Technology MCP3422 Datasheet HTML 5Page - Microchip Technology MCP3422 Datasheet HTML 6Page - Microchip Technology MCP3422 Datasheet HTML 7Page - Microchip Technology MCP3422 Datasheet HTML 8Page - Microchip Technology MCP3422 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 1
MCP3422/3/4
Features
• 18-bit
ΔΣ ADC with Differential Inputs:
- 2 channels: MCP3422 and MCP3423
- 4 channels: MCP3424
• Differential Input Full Scale Range: -VREF to
+VREF
• Self Calibration of Internal Offset and Gain per
Each Conversion
• On-Board Voltage Reference (VREF):
- Accuracy: 2.048V ± 0.05%
- Drift: 15 ppm/°C
• On-Board Programmable Gain Amplifier (PGA):
- Gains of 1, 2, 4 or 8
• INL: 10 ppm of Full Scale Range
• Programmable Data Rate Options:
- 3.75 SPS (18 bits)
- 15 SPS (16 bits)
- 60 SPS (14 bits)
- 240 SPS (12 bits)
• One-Shot or Continuous Conversion Options
• Low Current Consumption:
- 135 µA typical
(VDD= 3V, Continuous Conversion)
- 36 µA typical
(VDD= 3V, One-Shot Conversion with 1 SPS)
• On-Board Oscillator
•I2C™ Interface:
- Standard, Fast and High Speed Modes
- User configurable two external address pins
for MCP3423 and MCP3424
• Single Supply Operation: 2.7V to 5.5V
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation and Consumer Goods
• Temperature Sensing with RTD, Thermistor, and
Thermocouple
• Bridge Sensing for Pressure, Strain, and Force
• Weigh Scales
• Battery Fuel Gauges
• Factory Automation Equipment
Description
The MCP3422, MCP3423 and MCP3424 devices
(MCP3422/3/4) are the low noise and high accuracy
18-Bit delta-sigma analog-to-digital (
ΔΣ A/D) converter
family members of the MCP342X series from Microchip
Technology Inc. These devices can convert analog
inputs to digital codes with up to 18 bits of resolution.
The on-board 2.048V reference voltage enables an
input range of ± 2.048V differentially (full scale
range = 4.096V/PGA).
These devices can output analog-to-digital conversion
results at rates of 3.75, 15, 60, or 240 samples per
second
depending
on
the
user
controllable
configuration bit settings using the two-wire I2C serial
interface.
During
each
conversion,
the
device
calibrates offset and gain errors automatically. This
provides accurate conversion results from conversion
to conversion over variations in temperature and power
supply fluctuation.
The user can select the PGA gain of x1, x2, x4, or x8
before the analog-to-digital conversion takes place.
This allows the MCP3422/3/4 devices to convert a very
weak input signal with high resolution.
The MCP3422/3/4 devices have two conversion
modes: (a) One-Shot Conversion mode and (b)
Continuous Conversion mode. In One-Shot conversion
mode, the device performs a single conversion and
enters a low current standby mode automatically until it
receives another conversion command. This reduces
current consumption greatly during idle periods. In
Continuous conversion mode, the conversion takes
place continuously at the set conversion speed. The
device updates its output buffer with the most recent
conversion data.
The devices operate from a single 2.7V to 5.5V power
supply and have a two-wire I2C compatible serial
interface for a standard (100 kHz), fast (400 kHz), or
high-speed (3.4 MHz) mode.
The I2C address bits for the MCP3423 and MCP3424
are selected by using two external I2C address
selection pins (Adr0 and Adr1). The user can configure
the device to one of eight available addresses by
connecting these two address selection pins to VDD,
VSS or float. The I
2C address bits of the MCP3422 are
programmed at the factory during production.
18-Bit, Multi-Channel
ΔΣ Analog-to-Digital Converter with
I2C™ Interface and On-Board Reference


Similar Part No. - MCP3422

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421 MICROCHIP-MCP3421 Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3421A0T-E/CH MICROCHIP-MCP3421A0T-E/CH Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3421A0T-E/OT MICROCHIP-MCP3421A0T-E/OT Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421A1T-E/CH MICROCHIP-MCP3421A1T-E/CH Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results

Similar Description - MCP3422

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
logo
Microchip Technology
MCP3428-ESL MICROCHIP-MCP3428-ESL Datasheet
950Kb / 56P
16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com