Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 28Page - Microchip Technology MCP3422 Datasheet HTML 29Page - Microchip Technology MCP3422 Datasheet HTML 30Page - Microchip Technology MCP3422 Datasheet HTML 31Page - Microchip Technology MCP3422 Datasheet HTML 32Page - Microchip Technology MCP3422 Datasheet HTML 33Page - Microchip Technology MCP3422 Datasheet HTML 34Page - Microchip Technology MCP3422 Datasheet HTML 35Page - Microchip Technology MCP3422 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
MCP3422/3/4
DS22088C-page 32
© 2009 Microchip Technology Inc.
6.1.4
DEVICE CONNECTION TEST
The user can test the presence of the MCP3422/3/4 on
the I2C bus line without performing an input data
conversion. This test can be achieved by checking an
acknowledge response from the MCP3422/3/4 after
sending a read or write command. Here is an example
using Figure 6-3:
a.
Set the R/W bit “HIGH” in the address byte.
b.
Check the ACK pulse after sending the address
byte.
If the device acknowledges (ACK = 0), then the
device
is
connected,
otherwise
it
is
not
connected.
c.
Send STOP or START bit.
FIGURE 6-3:
I2C Bus Connection Test.
6.1.5
DIFFERENTIAL AND SINGLE-
ENDED CONFIGURATION
Figure 6-4 shows typical connection examples for
differential and single-ended inputs. Differential input
signals can be connected to the CHn+ and CHn- input
pins, where n = the channel number (1, 2, 3, or 4). For
the single-ended input, the input signal is applied to one
of the input pins (typically connected to the CHn+ pin)
while the other input pin (typically CHn- pin) is
grounded. All device characteristics hold for the single-
ended configuration, but this configuration loses one bit
resolution because the input can only stand in positive
half scale. Refer to Section 1.0 “Electrical Character-
istics”.
FIGURE 6-4:
Differential and Single-
Ended Input Connections.
12
3
4
5
6
7
8
9
SCL
SDA
1
1
0
1A2 A1 A0 1
Start
Bit
Address Byte
Address bits
Device bits
R/W
Stop
Bit
Response
MCP342X
(a) Differential Input Signal Connection:
CHn+
CHn-
Input Signal
(b) Single-ended Input Signal Connection:
CHn+
CHn-
Input Signal
Sensor
Sensor
Excitation
Excitation
R1
R2
MCP342X
MCP342X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com