Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3422 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3422 Datasheet HTML 1Page - Microchip Technology MCP3422 Datasheet HTML 2Page - Microchip Technology MCP3422 Datasheet HTML 3Page - Microchip Technology MCP3422 Datasheet HTML 4Page - Microchip Technology MCP3422 Datasheet HTML 5Page - Microchip Technology MCP3422 Datasheet HTML 6Page - Microchip Technology MCP3422 Datasheet HTML 7Page - Microchip Technology MCP3422 Datasheet HTML 8Page - Microchip Technology MCP3422 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 5
MCP3422/3/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD...................................................................................7.0V
All inputs and outputs ............. ..........VSS –0.4V to VDD+0.4V
Differential Input Voltage ...................................... |VDD - VSS|
Output Short Circuit Current ................................ Continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±10 mA
Storage Temperature ....................................-65°C to +150°C
Ambient Temp. with power applied ...............-55°C to +125°C
ESD protection on all pins
................ ≥ 6kV HBM, ≥ 400V MM
Maximum Junction Temperature (TJ). .........................+150°C
†Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability
.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +85°C, VDD = +5.0V, VSS = 0V,
CHn+ = CHn- = VREF/2, VINCOM = VREF /2. All ppm units use 2*VREF as differential full scale range.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Analog Inputs
Differential Full Scale Input
Voltage Range
FSR
—
±2.048/PGA
—
V
VIN = [CHn+ - CHn-]
Maximum Input Voltage Range
VSS-0.3
—
VDD+0.3
V
(Note 1)
Differential Input Impedance
ZIND (f)
—
2.25/PGA
—
M
Ω
During normal mode operation
(Note 2)
Common Mode input
Impedance
ZINC (f)
—
25
—
M
Ω
PGA = 1, 2, 4, 8
System Performance
Resolution and No Missing
Codes
(Effective Number of Bits)
(Note 3)
12
—
—
Bits
DR = 240 SPS
14
—
—
Bits
DR = 60 SPS
16
—
—
Bits
DR = 15 SPS
18
—
—
Bits
DR = 3.75 SPS
Data Rate
(Note 4)
DR
176
240
328
SPS
12 bits mode
44
60
82
SPS
14 bits mode
11
15
20.5
SPS
16 bits mode
2.75
3.75
5.1
SPS
18 bits mode
Output Noise
—
1.5
—
µVRMS
TA = +25°C, DR = 3.75 SPS,
PGA = 1, VIN+ = VIN- = GND
Integral Non-Linearity
INL
—
10
35
ppm of
FSR
DR = 3.75 SPS, FSR = Full
Scale Range (Note 5)
Internal Reference Voltage
VREF
—2.048
—
V
Gain Error (Note 6)
—
0.05
0.35
%
PGA = 1, DR = 3.75 SPS
Note
1:
Any input voltage below or greater than this voltage causes leakage current through the ESD diodes at the input pins.
This parameter is ensured by characterization and not 100% tested.
2:
This input impedance is due to 3.2 pF internal input sampling capacitor.
3:
This parameter is ensured by design and not 100% tested.
4:
The total conversion speed includes auto-calibration of offset and gain.
5:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
6:
Includes all errors from on-board PGA and VREF.
7:
This parameter is ensured by characterization and not 100% tested.
8:
MCP3423 and MCP3424 only.
9:
Addr_Float voltage is applied at address pin.
10: No voltage is applied at address pin (left “floating”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com