Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 129Page - Microchip Technology PIC18F44J10 Datasheet HTML 130Page - Microchip Technology PIC18F44J10 Datasheet HTML 131Page - Microchip Technology PIC18F44J10 Datasheet HTML 132Page - Microchip Technology PIC18F44J10 Datasheet HTML 133Page - Microchip Technology PIC18F44J10 Datasheet HTML 134Page - Microchip Technology PIC18F44J10 Datasheet HTML 135Page - Microchip Technology PIC18F44J10 Datasheet HTML 136Page - Microchip Technology PIC18F44J10 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 131
PIC18F45J10 FAMILY
TABLE 14-3:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE AND TIMER1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
47
RCON
IPEN
—
CM
RI
TO
PD
POR
BOR
46
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
49
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
49
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
49
PIR2
OSCFIF
CMIF
—
—
BCL1IF
—
—
CCP2IF
49
PIE2
OSCFIE
CMIE
—
—
BCL1IE
—
—
CCP2IE
49
IPR2
OSCFIP
CMIP
—
—
BCL1IP
—
—
CCP2IP
49
TRISB
PORTB Data Direction Control Register
50
TRISC
PORTC Data Direction Control Register
50
TMR1L
Timer1 Register Low Byte
48
TMR1H
Timer1 Register High Byte
48
T1CON
RD16
T1RUN
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON
48
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
49
CCPR1H
Capture/Compare/PWM Register 1 High Byte
49
CCP1CON
P1M1(1)
P1M0(1)
DC1B1
DC1B0
CCP1M3 CCP1M2 CCP1M1 CCP1M0
49
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
49
CCPR2H
Capture/Compare/PWM Register 2 High Byte
49
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3 CCP2M2 CCP2M1 CCP2M0
49
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by Capture/Compare or Timer1.
Note 1:
These bits are not implemented on 28-pin devices and should be read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com