Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 133Page - Microchip Technology PIC18F44J10 Datasheet HTML 134Page - Microchip Technology PIC18F44J10 Datasheet HTML 135Page - Microchip Technology PIC18F44J10 Datasheet HTML 136Page - Microchip Technology PIC18F44J10 Datasheet HTML 137Page - Microchip Technology PIC18F44J10 Datasheet HTML 138Page - Microchip Technology PIC18F44J10 Datasheet HTML 139Page - Microchip Technology PIC18F44J10 Datasheet HTML 140Page - Microchip Technology PIC18F44J10 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 135
PIC18F45J10 FAMILY
15.0
ENHANCED CAPTURE/
COMPARE/PWM (ECCP)
MODULE
In
PIC18F44J10/45J10
devices,
ECCP1
is
implemented as a standard CCP module with
Enhanced PWM capabilities. These include the
provisions for 2 or 4 output channels, user-selectable
polarity, dead-band control and automatic shutdown
and restart. The Enhanced features are discussed in
detail in Section 15.4 “Enhanced PWM Mode”.
Capture, Compare and single output PWM functions of
the ECCP module are the same as described for the
standard CCP module.
The control register for the Enhanced CCP module is
shown in Register 15-1. It differs from the CCP1CON
register in PIC18F24J10/25J10 devices in that the two
Most Significant bits are implemented to control PWM
functionality.
Note:
The ECCP module is implemented only in
40/44-pin devices.
REGISTER 15-1:
CCP1CON: ECCP1 CONTROL REGISTER (40/44-PIN DEVICES)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
P1M<1:0>:
Enhanced PWM Output Configuration bits
If CCP1M<3:2> = 00, 01, 10:
xx
= P1A assigned as Capture/Compare input/output; P1B, P1C, P1D assigned as port pins
If CCP1M<3:2> = 11:
00
= Single output: P1A modulated; P1B, P1C, P1D assigned as port pins
01
= Full-bridge output forward: P1D modulated; P1A active; P1B, P1C inactive
10
= Half-bridge output: P1A, P1B modulated with dead-band control; P1C, P1D assigned as port pins
11
= Full-bridge output reverse: P1B modulated; P1C active; P1A, P1D inactive
bit 5-4
DC1B<1:0>:
PWM Duty Cycle bit 1 and bit 0
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs of the 10-bit PWM duty cycle. The eight MSbs of the duty cycle are found
in CCPR1L.
bit 3-0
CCP1M<3:0>:
CCP1 Module Mode Select bits
0000
= Capture/Compare/PWM off (resets ECCP module)
0001
= Reserved
0010
= Compare mode, toggle output on match
0011
= Capture mode
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, initialize CCP1 pin low, set output on compare match (set CCP1IF)
1001
= Compare mode, initialize CCP1 pin high, clear output on compare match (set CCP1IF)
1010
= Compare mode, generate software interrupt only, CCP1 pin reverts to I/O state
1011
= Compare mode, trigger special event (ECCP resets TMR1, sets CCP1IF bit)
1100
= PWM mode; P1A, P1C active-high; P1B, P1D active-high
1101
= PWM mode; P1A, P1C active-high; P1B, P1D active-low
1110
= PWM mode; P1A, P1C active-low; P1B, P1D active-high
1111
= PWM mode; P1A, P1C active-low; P1B, P1D active-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com