Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 28Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 29Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 30Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 31Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 32Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 33Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 34Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 35Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
Chapter 4 Memory
SC9RS08KA2 Series Data Sheet, Rev. 1
32
Freescale Semiconductor
NOTE
When the device boots up to normal operating mode, where MS pin is high
during reset, with SECD programmed (SECD = 0), Flash security is
engaged. BKGDPE is reset to 0, and all BDM communication is blocked,
and background debug is not allowed.
4.7
Flash Registers and Control Bits
The Flash module has a nonvolatile register, NVOPT ($3FFC), in Flash memory which is copied into the
corresponding control register, FOPT ($0210), at reset.
4.7.1
Flash Options Register (FOPT and NVOPT)
During reset, the contents of the nonvolatile location NVOPT is copied from Flash into FOPT. Bits 7
through 1 are not used and always read 0. This register may be read at any time, but writes have no meaning
or effect. To change the value in this register, erase and reprogram the NVOPT location in Flash memory
as usual and then issue a new MCU reset.
765
432
10
R
0
000
000
SECD
W
Reset
This register is loaded from nonvolatile location NVOPT during reset.
= Unimplemented or Reserved
Figure 4-3. Flash Options Register (FOPT)
Table 4-2. FOPT Field Descriptions
Field
Description
0
SECD
Security State Code — This bit field determines the security state of the MCU. When the MCU is secured, the
contents of Flash memory cannot be accessed by instructions from any unsecured source including the
background debug interface; refer to Section 4.6.4, “Security”.
0 Security engaged.
1 Security disengaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com