Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 6Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 7Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 8Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 9Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 10Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 11Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 12Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 13Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 134 page
background image
SC9RS08KA2 Series Data Sheet, Rev. 1
10
Freescale Semiconductor
Section Number
Title
Page
4.6.4
Security ...........................................................................................................................31
4.7
Flash Registers and Control Bits .....................................................................................................32
4.7.1
Flash Options Register (FOPT and NVOPT) .................................................................32
4.7.2
Flash Control Register (FLCR) ......................................................................................33
4.8
Page Select Register (PAGESEL) ...................................................................................................33
Chapter 5
Resets, Interrupts, and General System Control
5.1
Introduction .....................................................................................................................................35
5.2
Features ...........................................................................................................................................35
5.3
MCU Reset ......................................................................................................................................35
5.4
Computer Operating Properly (COP) Watchdog .............................................................................36
5.5
Interrupts .........................................................................................................................................36
5.6
Low-Voltage Detect (LVD) System ................................................................................................37
5.6.1
Power-On Reset Operation .............................................................................................37
5.6.2
LVD Reset Operation .....................................................................................................37
5.6.3
LVD Interrupt Operation ................................................................................................37
5.7
Real-Time Interrupt (RTI) ...............................................................................................................37
5.8
Reset, Interrupt, and System Control Registers and Control Bits ...................................................38
5.8.1
System Reset Status Register (SRS) ...............................................................................38
5.8.2
System Options Register (SOPT) ...................................................................................39
5.8.3
System Device Identification Register (SDIDH, SDIDL) .............................................40
5.8.4
System Real-Time Interrupt Status and Control Register (SRTISC) .............................41
5.8.5
System Power Management Status and Control 1 Register (SPMSC1) .........................43
5.8.6
System Interrupt Pending Register (SIP1) .....................................................................44
Chapter 6
Parallel Input/Output Control
6.1
Pin Behavior in Low-Power Modes ................................................................................................46
6.2
Parallel I/O Registers ......................................................................................................................46
6.2.1
Port A Registers ..............................................................................................................46
6.3
Pin Control Registers ......................................................................................................................47
6.3.1
Port A Pin Control Registers ..........................................................................................47
6.3.1.1
Internal Pulling Device Enable .......................................................................47
6.3.1.2
Pullup/Pulldown Control ................................................................................48
6.3.1.3
Output Slew Rate Control Enable ...................................................................48
Chapter 7
Keyboard Interrupt (RS08KBIV1)
7.1
Introduction .....................................................................................................................................51
7.1.1
Features ...........................................................................................................................51
7.1.2
Modes of Operation ........................................................................................................52
7.1.2.1
Operation in Wait Mode ..................................................................................52
7.1.2.2
Operation in Stop Mode ..................................................................................52
7.1.2.3
Operation in Active Background Mode ..........................................................52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com