Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 58Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 59Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 60Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 61Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 62Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 63Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 64Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 65Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 134 page
background image
Chapter 8 Central Processor Unit (RS08CPUV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
62
Freescale Semiconductor
expression in the operand field of the branch instruction; the assembler calculates the difference between
the location counter (which points at the next address after the branch instruction at the time) and the
address represented by the label or expression in the operand field. This difference is called the offset and
is an 8-bit two’s complement number. The assembler stores this offset in the object code for the branch
instruction.
During execution, the CPU evaluates the condition that controls the branch. If the branch condition is true,
the CPU sign-extends the offset to a 14-bit value, adds the offset to the current PC, and uses this as the
address where it will fetch the next instruction and continue execution rather than continuing execution
with the next instruction after the branch. Because the offset is an 8-bit two’s complement value, the
destination must be within the range –128 to +127 locations from the address that follows the last byte of
object code for the branch instruction.
A common method to create a simple infinite loop is to use a branch instruction that branches to itself. This
is sometimes used to end short code segments during debug. Typically, to get out of this infinite loop, use
the debug host (through background commands) to stop the program, examine registers and memory, or
to start execution from a new location. This construct is not used in normal application programs except
in the case where the program has detected an error and wants to force the COP watchdog timer to timeout.
(The branch in the infinite loop executes repeatedly until the watchdog timer eventually causes a reset.)
8.3.3
Immediate Addressing Mode (IMM)
In this addressing mode, the operand is located immediately after the opcode in the instruction stream. This
addressing mode is used when the programmer wants to use an explicit value that is known at the time the
program is written. A # (pound) symbol is used to tell the assembler to use the operand as a data value
rather than an address where the desired value will be accessed.
The size of the immediate operand is always 8 bits. The assembler automatically will truncate or extend
the operand as needed to match the size needed for the instruction. Most assemblers generate a warning if
a 16-bit operand is provided.
It is the programmer’s responsibility to use the # symbol to tell the assembler when immediate addressing
will be used. The assembler does not consider it an error to leave off the # symbol because the resulting
statement is still a valid instruction (although it may mean something different than the programmer
intended).
8.3.4
Tiny Addressing Mode (TNY)
TNY addressing mode is capable of addressing only the first 16 bytes in the address map, from $0000 to
$000F. This addressing mode is available for INC, DEC, ADD, and SUB instructions. A system can be
optimized by placing the most computation-intensive data in this area of memory.
Because the 4-bit address is embedded in the opcode, only the least significant four bits of the address must
be included in the instruction; this saves program space and execution time. During execution, the CPU
adds 10 high-order 0s to the 4-bit operand address and uses the combined 14-bit address ($000x) to access
the intended operand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com