Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 75Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 76Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 77Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 78Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 79Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 80Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 81Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 82Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 134 page
background image
Internal Clock Source (RS08ICSV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
79
9.3.3
ICS Trim Register (ICSTRM)
9.3.4
ICS Status and Control (ICSSC)
7
6
5
432
1
0
R
TRIM
W
POR:
1
0
0
0
0
0
0
0
Reset:
U
U
U
UUU
U
U
Figure 9-5. ICS Trim Register (ICSTRM)
Table 9-4. ICSTRM Field Descriptions
Field
Description
7:0
TRIM
ICS Trim Setting — The TRIM bits control the internal reference clock frequency by controlling the internal
reference clock period. The bits’ effect are binary weighted (i.e., bit 1 will adjust twice as much as bit 0).
Increasing the binary value in TRIM will increase the period, and decreasing the value will decrease the period.
An additional fine trim bit is available in ICSSC as the FTRIM bit.
7
6
5
432
1
0
R
0
0
0
0
0
CLKST
0
FTRIM
W
POR:
0
0
0
0
0
0
0
0
Reset:
0
0
0
0
0
0
0
U
= Unimplemented
Figure 9-6. ICS Status and Control Register (ICSSC)
Table 9-5. ICSSC Field Descriptions
Field
Description
2
CLKST
Clock Mode Status — The CLKST read-only bit indicate the current clock mode. The CLKST bit does not update
immediately after a write to the CLKS bit due to internal synchronization between clock domains.
0 Output of FLL is selected
1 Internal reference clock is selected
0
FTRIM
ICS Fine Trim — The FTRIM bit controls the smallest adjustment of the internal reference clock frequency.
Setting FTRIM will increase the period and clearing FTRIM will decrease the period by the smallest amount
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com