Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 49Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 50Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 51Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 52Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 53Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 54Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 55Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 56Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 134 page
background image
Chapter 7 Keyboard Interrupt (RS08KBIV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
53
7.3
Register Definition
The KBI includes three registers:
•
An 8-bit pin status and control register
•
An 8-bit pin enable register
•
An 8-bit edge select register
Refer to the direct-page register summary in Chapter 4, “Memory,” for the absolute address assignments
for all KBI registers. This section refers to registers and control bits only by their names.
The KBI registers are summarized in Table 7-2.
7.3.1
KBI Status and Control Register (KBISC)
KBISC contains the status flag and control bits, which are used to configure the KBI.
Table 7-2. KBI Register Summary
Name
7654
32
1
0
KBISC
R
0
000
KBF
0
KBIE
KBMOD
W
KBACK
KBIPE
R0
0
KBIPE5
KBIPE4
0
KBIPE2
KBIPE1
KBIPE0
W
KBIES
R0
0
KBEDG5 KBEDG4
0
KBEDG2 KBEDG1 KBEDG0
W
765
43
210
R
0
0
0
0
KBF
0
KBIE
KBMOD
W
KBACK
Reset:
00
00
000
0
= Unimplemented
Figure 7-3. KBI Status and Control Register (KBISC)
Table 7-3. KBISC Register Field Descriptions
Field
Description
3
KBF
Keyboard Interrupt Flag — KBF indicates that a keyboard interrupt is detected. Writes have no effect on KBF.
0 No keyboard interrupt detected.
1 Keyboard interrupt detected.
2
KBACK
Keyboard Acknowledge — Writing a 1 to KBACK is part of the flag-clearing mechanism. KBACK always reads
as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com