Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 72Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 73Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 74Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 75Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 76Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 77Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 78Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 79Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 134 page
background image
Internal Clock Source (RS08ICSV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
76
Freescale Semiconductor
9.1.1
Features
Key features of the ICS module are:
•
Frequency-locked loop (FLL) is trimmable for accuracy
— 0.2% resolution using internal 32 kHz reference
— 2% deviation over voltage and temperature using internal 32 kHz reference
— DCO output is 512 times internal reference frequency
•
Internal reference clock has 9 trim bits available
•
Internal reference clock can be selected as the clock source for the MCU
•
Whichever clock is selected as the source can be divided down
— 2 bit select for clock divider is provided (allowable dividers are: 1, 2, 4, and 8)
•
FLL engaged internal mode is automatically selected out of reset
9.1.2
Modes of Operation
There are four modes of operation for the ICS: FEI, FBI, FBILP, and stop.
9.1.2.1
FLL Engaged Internal (FEI)
In FLL engaged internal mode, which is the default mode, the ICS supplies a clock derived from the FLL
which is controlled by the internal reference clock.
9.1.2.2
FLL Bypassed Internal (FBI)
In FLL bypassed internal mode, the FLL is enabled and controlled by the internal reference clock, but is
bypassed. The ICS supplies a clock derived from the internal reference clock.
9.1.2.3
FLL Bypassed Internal Low Power (FBILP)
In FLL bypassed internal low power mode, the FLL is disabled and bypassed, and the ICS supplies a clock
derived from the internal reference clock.
9.1.2.4
Stop (STOP)
In stop mode, the FLL is disabled and the internal reference clocks can be selected to be enabled or
disabled. The ICS does not provide an MCU clock source.
9.1.3
Block Diagram
Figure 9-2 shows the ICS block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com