Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 74Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 75Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 76Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 77Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 78Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 79Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 80Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 81Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 134 page
background image
Internal Clock Source (RS08ICSV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
78
Freescale Semiconductor
9.3.2
ICS Control Register 2 (ICSC2)
7
6
5
432
1
0
R0
CLKS
00
0
00
IREFSTEN
W
Reset:
0
0
0
0
0
0
0
0
= Unimplemented
Figure 9-3. ICS Control Register 1 (ICSC1)
Table 9-2. ICSC1 Field Descriptions
Field
Description
6
CLKS
Clock Source Select — Selects the clock source that controls the bus frequency. The actual bus frequency
depends on the value of the BDIV bits.
0 Output of FLL is selected
1 Internal reference clock is selected
0
IREFSTEN
Internal Reference Stop Enable — Controls whether the internal reference clock remains enabled when the
ICS enters stop mode.
1 Internal reference clock remains enabled in stop
0 Internal reference clock is disabled in stop
7
6
5
432
1
0
R
BDIV
00
LP
00
0
W
Reset:
0
1
0
000
0
0
= Unimplemented
Figure 9-4. ICS Control Register 2 (ICSC2)
Table 9-3. ICSC2 Field Descriptions
Field
Description
7:6
BDIV
Bus Frequency Divider — Selects the amount to divide down the clock source selected by the CLKS bit. This
controls the bus frequency.
00 Encoding 0 — Divides selected clock by 1
01 Encoding 1 — Divides selected clock by 2 (reset default)
10 Encoding 2 — Divides selected clock by 4
11 Encoding 3 — Divides selected clock by 8
3
LP
Low Power Select — Controls whether the FLL is disabled in FLL bypassed modes.
1
FLL is disabled in bypass modes
0
FLL is not disabled in bypass mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com