Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 54Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 55Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 56Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 57Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 58Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 59Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 60Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 61Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 134 page
background image
Chapter 8 Central Processor Unit (RS08CPUV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
58
Freescale Semiconductor
Figure 8-1. CPU Registers
In addition to the CPU registers, there are three memory mapped registers that are tightly coupled with the
core address generation during data read and write operations. They are the indexed data register (D[X]),
the index register (X), and the page select register (PAGESEL). These registers are located at $000E,
$000F, and $001F, respectively.
Figure 8-2. Memory Mapped Registers
8.2.1
Accumulator (A)
This general-purpose 8-bit register is the primary data register for RS08 MCUs. Data can be read from
memory into A with a load accumulator (LDA) instruction. The data in A can be written into memory with
a store accumulator (STA) instruction. Various addressing mode variations allow a great deal of flexibility
in specifying the memory location involved in a load or store instruction. Exchange instructions allow
values to be exchanged between A and SPC high (SHA) and also between A and SPC low (SLA).
Arithmetic, shift, and logical operations can be performed on the value in A as in ADD, SUB, RORA,
INCA, DECA, AND, ORA, EOR, etc. In some of these instructions, such as INCA and LSLA, the value
in A is the only input operand and the result replaces the value in A. In other cases, such as ADD and AND,
there are two operands: the value in A and a second value from memory. The result of the arithmetic or
logical operation replaces the value in A.
Some instructions, such as memory-to-memory move instructions (MOV), do not use the accumulator.
DBNZ also relieves A because it allows a loop counter to be implemented in a memory variable rather than
the accumulator.
During reset, the accumulator is loaded with $00.
PC
SPC
CARRY
ZERO
0
0
0
7
13
13
ACCUMULATOR
A
SHADOW PROGRAM COUNTER
87
PROGRAM COUNTER
CCR
C
Z
CONDITION CODE REGISTER
0
7
0
7
0
7
INDEXED DATA REGISTER D[X] (location $000E)
INDEX REGISTER
X (location $000F)
PAGE SELECT REG
PAGESEL (location $001F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com