Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 16Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 17Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 18Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 19Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 20Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 21Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 22Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 23Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
Chapter 2 Pins and Connections
SC9RS08KA2 Series Data Sheet, Rev. 1
20
Freescale Semiconductor
cables and the absolute value of the internal pullup device play almost no role in determining rise and fall
times on the BKGD pin.
2.4.4
General-Purpose I/O and Peripheral Ports
The remaining pins are shared among general-purpose I/O and on-chip peripheral functions such as timers
and analog comparator. Immediately after reset, all of these pins are configured as high-impedance
general-purpose inputs with internal pullup/pulldown devices disabled.
NOTE
To avoid extra current drain from floating input pins, the reset initialization
routine in the application program should either enable on-chip
pullup/pulldown devices or change the direction of unused pins to outputs.
Table 2-1. Pin Sharing Reference
Pin Name
Direction
Pullup/Pulldown1
1 SWC is software-controlled pullup/pulldown resistor; the register is associated with the respective port.
Alternative Functions2
2 Alternative functions are listed lowest priority first. For example, GPIO is the lowest priority alternative function of the
PTA0 pin; ACMP+ is the highest priority alternative function of the PTA0 pin.
VDD
——
Power
VSS
—
—
Ground
PTA0
I/O
SWC
PTA0
KBIP0
ACMP+
General-purpose input/output (GPIO)
Keyboard interrupt (stop/wait wakeup only)
Analog comparator input
PTA1
I/O
SWC
PTA1
KBIP1
ACMP-
General-purpose input/output (GPIO)
Keyboard interrupt (stop/wait wakeup only)
Analog comparator input
PTA2
I
SWC4
PTA2
KBIP2
TCLK
RESET
VPP
General-purpose input
Keyboard interrupt (stop/wait wakeup only)
Modulo timer clock source
Reset
VPP
PTA3
I/O3
3 Output-only when configured as PTA3 function.
—4
4 When PTA2 or PTA3 is configured as RESET or BKGD/MS, respectively, pullup is enabled. When V
PP is attached,
pullup/pulldown is disabled automatically.
PTA3
ACMPO
BKGD
MS
General-purpose output
Analog comparator output
Background debug data
Mode select
PTA45
5 This pin is not available in 6-pin package. Enabling either the pullup or pulldown device is recommended to prevent extra
current leakage from the floating input pin.
I/O
SWC
PTA4
KBIP4
General-purpose input/output (GPIO)
Keyboard interrupt (stop/wait wakeup only)
PTA55
I/O
SWC
PTA5
KBIP5
General-purpose input/output (GPIO)
Keyboard interrupt (stop/wait wakeup only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com