Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 32Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 33Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 34Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 35Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 36Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 37Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 38Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 39Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 134 page
background image
Chapter 5 Resets, Interrupts, and General System Control
SC9RS08KA2 Series Data Sheet, Rev. 1
36
Freescale Semiconductor
•
Computer operating properly (COP) timer
•
Illegal opcode detect (ILOP)
•
Illegal address detect (ILAD)
•
Background debug forced reset via BDC command BDC_RESET
Each of these sources, with the exception of the background debug forced reset, has an associated bit in
the system reset status register (SRS).
5.4
Computer Operating Properly (COP) Watchdog
The COP watchdog is intended to force a system reset if the application software fails to execute as
expected. To prevent a system reset from the COP timer (when it is enabled), application software must
reset the COP counter periodically. If the application program gets lost and fails to reset the COP counter
before it times out, a system reset is generated to force the system back to a known starting point.
After any reset, the COPE becomes set in SOPT, which enables the COP watchdog (see Section 5.8.2,
“System Options Register (SOPT),” for additional information). If the COP watchdog is not used in an
application, it can be disabled by clearing COPE. The COP counter is reset by writing any value to the
address of SRS. This write does not affect the data in the read-only SRS. Instead, the act of writing to this
address is decoded and sends a reset signal to the COP counter.
There is an associated short and long time-out controlled by COPT in SOPT. Table 5-1 summaries the
control functions of the COPT bit. The COP watchdog operates from the 1-kHz clock source and defaults
to the associated long time-out (28 cycles).
Even if the application will use the reset default settings of COPE and COPT, the user should write to the
write-once SOPT registers during reset initialization to lock in the settings. That way, they cannot be
changed accidentally if the application program gets lost. The initial write to SOPT will reset the COP
counter.
In background debug mode, the COP counter will not increment.
When the MCU enters stop mode, the COP counter is re-initialized to zero upon entry to stop mode. The
COP counter begins from zero as soon as the MCU exits stop mode.
5.5
Interrupts
The SC9RS08KA2 Series does not include an interrupt controller with vector table lookup mechanism as
used on the HC08 and HCS08 devices. However, the interrupt sources from modules such as LVD, KBI,
Table 5-1. COP Configuration Options
COPT
COP Overflow Count1
1 Values shown in this column are based on
tRTI ≈ 1 ms. See tRTI in the Section A.9.1, “Control
Timing,” for the tolerance of this value.
025 cycles (32 ms)
128 cycles (256 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com