Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2 Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 112Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 113Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 114Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 115Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 116Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 117Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 118Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 119Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 134 page
background image
Appendix A Electrical Characteristics
SC9RS08KA2 Series Data Sheet, Rev. 1
116
Freescale Semiconductor
ACMP adder from stop
(ACME = 1)
—
5
15
μA
20
μA
25
85
3
15
μA
20
μA
25
85
1.8
15
μA
20
μA
25
85
RTI adder from stop
with 1-kHz clock source enabled4
—
5
300 nA
500 nA
25
85
3
300 nA
500 nA
25
85
1.8
300 nA
500 nA
25
85
RTI adder from stop
with 32-kHz ICS internal clock source reference
enabled
—
5140
μA
165
μA
25
85
3140
μA
165
μA
25
85
1.8
135
μA
160
μA
25
85
LVI adder from stop
(LVDE=1 and LVDSE=1)
—
5
70
μA
85
μA
25
85
3
70
μA
85
μA
25
85
1.8
65
μA
80
μA
25
85
1 Typicals are measured at 25
°C.
2 Maximum value is measured at the nominal V
DD voltage times 10% tolerance. Values given here are preliminary estimates
prior to completing characterization
3 Does not include any dc loads on port pins
4 Most customers are expected to find that auto-wakeup from stop can be used instead of the higher current wait mode. Wait
mode typical is 560
μA at 3 V and 422 μA at 2V with f
Bus = 1 MHz.
Table A-5. Supply Current Characteristics (continued)
Parameter
Symbol
VDD (V)
Typical1
Max2
Temp. (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com