Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 9Page - SMSC Corporation USB4640i Datasheet HTML 10Page - SMSC Corporation USB4640i Datasheet HTML 11Page - SMSC Corporation USB4640i Datasheet HTML 12Page - SMSC Corporation USB4640i Datasheet HTML 13Page - SMSC Corporation USB4640i Datasheet HTML 14Page - SMSC Corporation USB4640i Datasheet HTML 15Page - SMSC Corporation USB4640i Datasheet HTML 16Page - SMSC Corporation USB4640i Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
13
Revision 1.0 (06-09-09)
DATASHEET
Chapter 5 Pin Table
5.1
48-Pin Table
Table 5.1 USB4640/USB4640i 48-Pin Table
UPSTREAM HSIC INTERFACE (3 PINS)
HSIC_IMP
HSIC_DAT
HSIC_STROBE
DOWNSTREAM USB INTERFACE (3 PINS)
XTAL1 (CLKIN)
XTAL2
RBIAS
DOWNSTREAM 2-PORT USB INTERFACE (6 PINS)
USBDN_DP2
USBDN_DM2
PRTCTL2
PRTCTL3
USBDN_DP3
USBDN_DM3
SECURE DIGITAL / MEMORY STICK / xD INTERFACE (18 PINS)
SD_D7 /
MS_D6 /
xD_D1
SD_D6 /
MS_D7 /
xD_D0
SD_D5 /
MS_D1 /
xD_ALE
SD_D4 /
MS_D2 /
xD_D7
SD_D3 /
MS_D3 /
xD_D6
SD_D2 /
xD_D5
SD_D1 /
MS_D5 /
xD_D3
SD_D0 /
MS_D4 /
xD_D2
SD_CLK /
MS_BS /
xD_nWP
SD_CMD /
MS_D0 /
xD_CLE
GPIO15 /
SD_nCD
GPIO12 /
MS_INS
GPIO6 /
SD_WP /
MS_SCLK /
xD_D4
GPIO14 /
xD_nCD
xD_nWE
xD_nB/R
xD_nRE
xD_nCE
SPI INTERFACE (4 PINS)
SPI_CE_n
SPI_CLK /
GPIO4 /
SCL
SPI_DO /
GPIO5 /
SDA /
SPI_SPD_SEL
SPI_DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com