Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 1 Page - SMSC Corporation

  USB4640i Datasheet HTML 1Page - SMSC Corporation USB4640i Datasheet HTML 2Page - SMSC Corporation USB4640i Datasheet HTML 3Page - SMSC Corporation USB4640i Datasheet HTML 4Page - SMSC Corporation USB4640i Datasheet HTML 5Page - SMSC Corporation USB4640i Datasheet HTML 6Page - SMSC Corporation USB4640i Datasheet HTML 7Page - SMSC Corporation USB4640i Datasheet HTML 8Page - SMSC Corporation USB4640i Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
SMSC USB4640/USB4640i
DATASHEET
Revision 1.0 (06-09-09)
PRODUCT FEATURES
Datasheet
USB4640/USB4640i
High Speed Inter-Chip (HSIC)
USB 2.0 Hub and Flash Media
Controller
General Description
The SMSC USB4640/USB4640i is a Hi-Speed HSIC USB hub
and card reader combo solution with an upstream port
compliant to HSIC 1.0, a supplement to the USB 2.0
specification. The two downstream ports are compliant with the
USB 2.0 specification.
High Speed Inter-Chip (HSIC) is a digital interconnect bus that
enables the use of USB technology as a low-power chip-to-chip
interconnect at speeds up to 480 Mb/s. The HSIC interface is
an industry standard 2-pin digital interface which uses standard
USB software. The SMSC USB4640/USB4640i provides an
ultra fast interface between an HSIC enabled host and today’s
popular flash media formats. The controller allows read/write
capability to flash media from the following families:
– Secure DigitalTM (SD)
– MultiMediaCardTM (MMC)
– Memory Stick® (MS)
– xD Picture CardTM (xD)1
The USB4640/USB4640i offers a versatile, cost-effective, and
energy-efficient hub controller with 2 downstream USB 2.0
ports. This combo solution leverages SMSC’s innovative
technology that delivers industry-leading data throughput in
mixed-speed USB environments. Average sustained transfer
rates exceeding 35 MB/s are possible2.
Highlights
Upstream HSIC port and 2 exposed Hi-Speed USB 2.0
downstream ports for external peripheral expansion
The dedicated flash media reader is internally attached to a
3rd downstream port of the hub as a USB Compound
Device
— a single or multiplexed flash media reader interface
PortMap
— Flexible port mapping and port disable sequencing supports
multiple platform designs
PortSwap
— Programmable USB differential-pair pin locations eases PCB
design by aligning USB signal traces directly to connectors
PHYBoost
— Programmable USB transceiver drive strength recovers signal
integrity
1.For xD-Picture CardTM support, please obtain a user license
from the xD-Picture Card License Office.
2.Host and media dependent.
Features
Compliance with the following flash media card
specifications SD 2.0 / MMC 4.2 / MS 1.43 / MS-Pro 1.02 /
MS-Pro-HG 1.01 / MS-Duo 1.10 / xD 1.2
Low-power digital HSIC interface offers a replacement for
onboard host and device connection for analog USB bus
cable
HSIC interface enables printers, mobile PCs, ultra-mobile
PCs, and cell phone products to reduce the total power
budget while taking full advantage of USB connectivity and
compatibility with existing USB drivers and software
External 1.2 V reference allows upstream and downstream
HSIC links to use the same voltage reference
Supports a single external 3.3 V supply source; internal
regulators provide 1.8 V internal core voltage for additional
bill of materials and power savings
The transaction translator (TT) in the hub supports operation
of Full-Speed and Low-Speed peripherals
9 K RAM | 64 K on-chip ROM
Enhanced EMI rejection and ESD protection performance
Hub and flash media reader/writer configuration from a
single source: External I2C® ROM or external SPI ROM
— Configures internal code using an external I2C EEPROM
— Supports external code using an SPI Flash EEPROM
— Customizable vendor ID, product ID, and language ID if using
an external EEPROM
Up to 9 configurable GPIOs for special functions
The USB4640 supports the commercial temperature range
of 0°C to +70°C
The USB4640i supports the industrial temperature range of
-40°C to +85°C
48-pin QFN lead-free, RoHS compliant package (7x7 mm)
Applications
3G/4G handsets, smartphones, cell phones, and other
mobile devices
Desktop and mobile PCs
Printers
GPS navigation systems
Media players/viewers
Consumer A/V
Set-top boxes
Industrial products


Similar Part No. - USB4640i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB4604 MICROCHIP-USB4604 Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB4604-1070HN MICROCHIP-USB4604-1070HN Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB4604-1070HN-TR MICROCHIP-USB4604-1070HN-TR Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB4604-1080HN SMSC-USB4604-1080HN Datasheet
1Mb / 71P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
More results

Similar Description - USB4640i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9730-ABZJ SMSC-LAN9730-ABZJ Datasheet
1Mb / 61P
High-Speed Inter-Chip (HSIC) USB 2.0
USB3503 SMSC-USB3503 Datasheet
1Mb / 82P
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624 SMSC-USB4624 Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2642 MICROCHIP-USB2642 Datasheet
889Kb / 56P
USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB3503 MICROCHIP-USB3503 Datasheet
1Mb / 73P
USB 2.0 HSIC High-Speed Hub Controller Optimized
01/27/15
USB4604 MICROCHIP-USB4604 Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB4624 MICROCHIP-USB4624 Datasheet
616Kb / 58P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB84604 MICROCHIP-USB84604 Datasheet
730Kb / 61P
USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
06/23/16
USB82642 MICROCHIP-USB82642 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com