Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 36 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 36 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 32Page - SMSC Corporation USB4640i Datasheet HTML 33Page - SMSC Corporation USB4640i Datasheet HTML 34Page - SMSC Corporation USB4640i Datasheet HTML 35Page - SMSC Corporation USB4640i Datasheet HTML 36Page - SMSC Corporation USB4640i Datasheet HTML 37Page - SMSC Corporation USB4640i Datasheet HTML 38Page - SMSC Corporation USB4640i Datasheet HTML 39Page - SMSC Corporation USB4640i Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
36
SMSC USB4640/USB4640i
DATASHEET
8.4.1.19
9Ch-9Fh: Attribute Byte Descriptions
BYTE
BYTE
NAME
BIT
DESCRIPTION
0
ATT_LB
3:0
Always reads ‘0’.
4
Inquire Manufacturer and Product ID Strings
‘1’ - Use the Inquiry Manufacturer and Product ID Strings.
‘0’ (default) - Use the USB Descriptor Manufacturer and Product ID Strings.
5
Always reads ‘0’.
6
Reverse SD Card Write Protect Sense
‘1’ (default) - SD cards will be write protected when SW_nWP is high, and
writable when SW_nWP is low.
‘0’ - SD cards will be write protected when SW_nWP is low, and writable
when SW_nWP is high.
7
Extended Configuration Enable
'1' - This bit must be set to '1' to enable editing, updating, and reading from
registers 100h-17Fh.
'0' - The internal configuration is loaded. When this bit is not set (and it
equals '0'). It will not read from registers 100h-17Fh.
1
ATT_HLB
3:0
Always reads ‘0’.
4
Activity LED True Polarity
‘1’ - Activity LED to Low True.
‘0’ (default) - Activity LED polarity to High True.
5
Common Media Insert / Media Activity LED
‘1’ - The activity LED will function as a common media inserted/media
access LED.
‘0’ (default) - The activity LED will remain in its idle state until media is
accessed.
6
Always reads ‘0’.
7
Reverse SD2 Card Write Protect Sense
‘1’ (default) - SD cards in LUN 1 will be write protected when SW_nWP is
high, and writable when SW_nWP is low.
‘0’ - SD cards in LUN 1 will be write protected when SW_nWP is low, and
writable when SW_nWP is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com