Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 29Page - SMSC Corporation USB4640i Datasheet HTML 30Page - SMSC Corporation USB4640i Datasheet HTML 31Page - SMSC Corporation USB4640i Datasheet HTML 32Page - SMSC Corporation USB4640i Datasheet HTML 33Page - SMSC Corporation USB4640i Datasheet HTML 34Page - SMSC Corporation USB4640i Datasheet HTML 35Page - SMSC Corporation USB4640i Datasheet HTML 36Page - SMSC Corporation USB4640i Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
33
Revision 1.0 (06-09-09)
DATASHEET
8.4.1.4
1Ah-1Bh: USB Vendor ID Option
8.4.1.5
1Ch-1Dh: USB Product ID Option
8.4.1.6
1Eh: USB Language Identifier Descriptor Length
8.4.1.7
1Fh: USB Language Identifier Descriptor Type
8.4.1.8
20h: USB Language Identifier Least Significant Byte
8.4.1.9
21h: USB Language Identifier Most Significant Byte
8.4.1.10
22h: USB Manufacturer String Descriptor Length
BYTE
NAME
DESCRIPTION
1:0
USB_VID
This ID is unique for every vendor. The vendor ID is assigned by the USB
Implementer’s Forum.
BYTE
NAME
DESCRIPTION
1:0
USB_PID
This ID is unique for every product. The product ID is assigned by the vendor.
BYTE
NAME
DESCRIPTION
0
USB_LANG_LEN
USB language ID string descriptor length as defined by Section 9.6.7 “String”
of the USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength”
which describes the size of the string descriptor (in bytes).
BYTE
NAME
DESCRIPTION
1
USB_LANG_TYP
USB language ID string descriptor type as defined by Section 9.6.7 “String”
of the USB 2.0 Specification (Revision 2.0, 2000). This field is the
“bDescriptorType” which is a constant value associated with a string
descriptor type.
BYTE
NAME
DESCRIPTION
2
USB_LANG_ID
_LSB
English language code = ‘0409’. See Note 8.3 to reference additional
language ID’s defined by the USB-IF.
BYTE
NAME
DESCRIPTION
3
USB_LANG_ID
_MSB
English language code = ‘0409’. See Note 8.3 to reference additional
language ID’s defined by the USB-IF.
BYTE
NAME
DESCRIPTION
0
USB_MFR_STR
_LEN
USB manufacturer string descriptor length as defined by Section 9.6.7 “String”
of the USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength”
which describes the size of the string descriptor (in bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com