Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 22 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 22 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 18Page - SMSC Corporation USB4640i Datasheet HTML 19Page - SMSC Corporation USB4640i Datasheet HTML 20Page - SMSC Corporation USB4640i Datasheet HTML 21Page - SMSC Corporation USB4640i Datasheet HTML 22Page - SMSC Corporation USB4640i Datasheet HTML 23Page - SMSC Corporation USB4640i Datasheet HTML 24Page - SMSC Corporation USB4640i Datasheet HTML 25Page - SMSC Corporation USB4640i Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
22
SMSC USB4640/USB4640i
DATASHEET
6.3
Port Power Control
Port Power control using a USB Power Switch
The USB4640/USB4640i has a single port power control and over-current sense signal for each
downstream port. When disabling port power, the driver will actively drive a '0'. To avoid unnecessary
power dissipation, the internal pull-up resistor will be disabled at that time. When port power is enabled,
the output driver is disabled, and the pull-up resistor is enabled creating an open drain output.
If there is an over-current situation, the USB Power Switch will assert the open drain OCS signal. The
Schmitt trigger input will detect this event as a low. The open drain output does not interfere. The
internal over-current sense filter handles the transient conditions, such as low voltage, while the device
is powering up.
Figure 6.1 Port Power Control with USB Power Switch
USB Power
Switch
5 V
USB
Device
PRTCTL3
EN
OCS
USB Power
Switch
5 V
USB
Device
PRTCTL2
EN
OCS
USB4640/40i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com