Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 28Page - SMSC Corporation USB4640i Datasheet HTML 29Page - SMSC Corporation USB4640i Datasheet HTML 30Page - SMSC Corporation USB4640i Datasheet HTML 31Page - SMSC Corporation USB4640i Datasheet HTML 32Page - SMSC Corporation USB4640i Datasheet HTML 33Page - SMSC Corporation USB4640i Datasheet HTML 34Page - SMSC Corporation USB4640i Datasheet HTML 35Page - SMSC Corporation USB4640i Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
32
SMSC USB4640/USB4640i
DATASHEET
8.4
Set bit 7 of bmAttribute to enable the registers in Table 8.4.
Note 8.1
This value is a UNICODE UTF-16LE encoded string value that meets the USB 2.0
specification (Revision 2.0, 2000). Values in double quotations without this note are ASCII
values.
Note 8.2
A value of “SM” will be overridden with “xD” once an xD-Picture Card has been identified.
Note 8.3
For a list of the most current 16-bit language ID’s defined by the USB-IF, please visit
http://www.unicode.org or consult The Unicode Standard, Worldwide Character Encoding,
(Version 4.0), The Unicode Consortium, Addison-Wesley Publishing Company, Reading,
Massachusetts.
8.4.1
EEPROM Data Descriptor Register Descriptions
8.4.1.1
00h: USB Serial String Descriptor Length
8.4.1.2
01h: USB Serial String Descriptor Type
8.4.1.3
02h-19h: USB Serial Number Option
Table 8.4 Internal Flash Media Controller Extended Configurations
ADDRESS
REGISTER NAME
DESCRIPTION
INTERNAL DEFAULT VALUE
100h - 106h
CLUN0_ID_STR
Combo LUN 0 Identifier String
“COMBO”
107h- 129h
Not Applicable
-
N/A
12Ah-145h
Not applicable
-
00h
146h
Not Applicable
-
01h
147h - 14Bh
Not Applicable
-
01h, FFh, FFh, FFh, FFh
14Ch
Not Applicable
-
0Ah
14Dh-17Bh
Not Applicable
-
00h
17Ch-17Fh
NVSTORE_SIG2
Non-Volatile Storage Signature
“ecf1”
BYTE
NAME
DESCRIPTION
0
USB_SER_LEN
USB serial string descriptor length as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength” which
describes the size of the string descriptor (in bytes).
BYTE
NAME
DESCRIPTION
1
USB_SER_TYP
USB serial string descriptor type as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the
“bDescriptorType” which is a constant value associated with a string
descriptor type.
BYTE
NAME
DESCRIPTION
25:2
USB_SER_NUM
Maximum string length is 12 hex digits. Must be unique to each device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com