Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 52 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 52 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 48Page - SMSC Corporation USB4640i Datasheet HTML 49Page - SMSC Corporation USB4640i Datasheet HTML 50Page - SMSC Corporation USB4640i Datasheet HTML 51Page - SMSC Corporation USB4640i Datasheet HTML 52Page - SMSC Corporation USB4640i Datasheet HTML 53Page - SMSC Corporation USB4640i Datasheet HTML 54Page - SMSC Corporation USB4640i Datasheet HTML 55Page - SMSC Corporation USB4640i Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
52
SMSC USB4640/USB4640i
DATASHEET
8.6.2.1
nRESET for EEPROM Configuration
Figure 8.1 nRESET Timing for EEPROM Mode
Note: All power supplies must have reached the operating levels mandated in Chapter 10, DC
Parameters, prior to (or coincident with) the assertion of nRESET.
8.6.3
USB Bus Reset
In response to the upstream port signaling a reset to the device, the device does the following:
Note: The device does not propagate the upstream USB reset to downstream devices.
1. Sets default address to ‘0’.
2. Sets configuration to: Unconfigured.
3. Negates PRTCTL[3:2] to all downstream ports.
4. Clears all TT buffers.
5. Moves device from suspended to active (if suspended).
6. Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset
sequence.
The host then configures the device and the device’s downstream port devices in accordance with the
USB 2.0 Specification.
Table 8.7 nRESET Timing for EEPROM Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
nRESET asserted
1
μsec
t2
Device recovery/stabilization
500
μsec
t3
8051 programs device configuration
20
50
msec
t4
USB attach (See Note)
100
msec
t5
Host acknowledges attach and signals USB reset
100
msec
t6
USB idle
Undefined
msec
t7
Completion time for requests (with or without data
stage)
5msec
t1
t2
t4
t5
t6
t7
nRESET
VSS
Hardware
reset
asserted
Device
Recovery/
Stabilization
8051 Sets
Configuration
Registers
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com