Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 34 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 34 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 30Page - SMSC Corporation USB4640i Datasheet HTML 31Page - SMSC Corporation USB4640i Datasheet HTML 32Page - SMSC Corporation USB4640i Datasheet HTML 33Page - SMSC Corporation USB4640i Datasheet HTML 34Page - SMSC Corporation USB4640i Datasheet HTML 35Page - SMSC Corporation USB4640i Datasheet HTML 36Page - SMSC Corporation USB4640i Datasheet HTML 37Page - SMSC Corporation USB4640i Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
34
SMSC USB4640/USB4640i
DATASHEET
8.4.1.11
23h: USB Manufacturer String Descriptor Type
8.4.1.12
24h-31h: USB Manufacturer String Option
8.4.1.13
32h-5Dh: Reserved
8.4.1.14
5Eh: USB Product String Descriptor Length
8.4.1.15
5Fh: USB Product String Descriptor Type
8.4.1.16
60h-99h: USB Product String Option
BYTE
NAME
DESCRIPTION
1
USB_MFR_STR
_TYP
USB manufacturer string descriptor type as defined by Section 9.6.7 “String”
of the USB 2.0 Specification (Revision 2.0, 2000). This field is the
“bDescriptorType” which is a constant value associated with a string
descriptor type.
BYTE
NAME
DESCRIPTION
15:2
USB_MFR_STR
The maximum string length is 28 characters.
BYTE
NAME
DESCRIPTION
59:16
Reserved
Reserved.
BYTE
NAME
DESCRIPTION
0
USB_PRD_STR
_LEN
USB product string descriptor length as defined by Section 9.6.7 “String” of
the USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength”
which describes the size of the string descriptor (in bytes).
BYTE
NAME
DESCRIPTION
1
USB_PRD_STR
_TYP
USB product string descriptor type as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the
“bDescriptorType” which is a constant value associated with a string
descriptor type.
BYTE
NAME
DESCRIPTION
59:2
USB_PRD_STR
This string will be used during the USB enumeration process in the
Windows® operating system. Maximum string length is 28 characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com