Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 49 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 49 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 45Page - SMSC Corporation USB4640i Datasheet HTML 46Page - SMSC Corporation USB4640i Datasheet HTML 47Page - SMSC Corporation USB4640i Datasheet HTML 48Page - SMSC Corporation USB4640i Datasheet HTML 49Page - SMSC Corporation USB4640i Datasheet HTML 50Page - SMSC Corporation USB4640i Datasheet HTML 51Page - SMSC Corporation USB4640i Datasheet HTML 52Page - SMSC Corporation USB4640i Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
49
Revision 1.0 (06-09-09)
DATASHEET
8.4.4.22
F3h: Port Map 3
8.4.4.23
F4h-F6h: Reserved
BIT
BYTE NAME
DESCRIPTION
7:0
PRTM3
PortMap register for port 3.
When a hub is enumerated by a USB host controller, the hub is only
permitted to report how many ports it has; the hub is not permitted to select
a numerical range or assignment. The host controller will number the
downstream ports of the hub starting with the number '1', up to the number
of ports that the hub reported having.
The host's port number is referred to as “logical port number” and the
physical port on the hub is the “physical port number”. When remapping
mode is enabled (see PRTMAP_EN in Register 08h: Configuration Data
Byte 3) the hub's downstream port numbers can be remapped to different
logical port numbers (assigned by the host).
Note:
The OEM must ensure that contiguous logical port numbers are
used, starting from number ‘1’ up to the maximum number of
enabled ports; this ensures that the hub's ports are numbered in
accordance with the way a host will communicate with the ports.
BYTE
BYTE NAME
DESCRIPTION
6:0
Reserved
Reserved.
Table 8.6 Port Map Register for Port 3
Bit [7:4]
‘0000’
Reserved
‘0001’
Reserved
‘0010’
Reserved
‘0011’
Reserved
‘0100’
to
‘1111’
Illegal; Do not use
Bit [3:0]
‘0000’
Physical port 3 is disabled
‘0001’
Physical port 3 is mapped to Logical port 1
‘0010’
Physical port 3 is mapped to Logical port 2
‘0011’
Physical port 3 is mapped to Logical port 3
‘0100’
to
‘1111’
Illegal; Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com