Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640i Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 40Page - SMSC Corporation USB4640i Datasheet HTML 41Page - SMSC Corporation USB4640i Datasheet HTML 42Page - SMSC Corporation USB4640i Datasheet HTML 43Page - SMSC Corporation USB4640i Datasheet HTML 44Page - SMSC Corporation USB4640i Datasheet HTML 45Page - SMSC Corporation USB4640i Datasheet HTML 46Page - SMSC Corporation USB4640i Datasheet HTML 47Page - SMSC Corporation USB4640i Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
44
SMSC USB4640/USB4640i
DATASHEET
8.4.4.11
E8h: Port Disable For Self-Powered Operation
8.4.4.12
E9h: Port Disable For Bus-Powered Operation
8.4.4.13
EAh: Max Power For Self-Powered Operation
BIT
BYTE NAME
DESCRIPTION
7:0
PORT_DIS_SP
Disables 1 or more ports.
‘0’ = Port is available
‘1’ = Port is disabled
During self-powered operation
this register selects the ports which will be
permanently disabled. The ports are unavailable to be enabled or
enumerated by a host controller. The ports can be disabled in any order
since the internal logic will automatically report the correct number of
enabled ports to the USB host and will reorder the active ports in order to
ensure proper function.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Controls physical port 3
Bit 2= Controls physical port 2
Bit 1= Controls physical port 1
Bit 0= Reserved
BIT
BYTE NAME
DESCRIPTION
7:0
PORT_DIS_BP
Disables 1 or more ports.
‘0’ = Port is available
‘1’ = Port is disabled
During self-powered operation
, this register selects the ports which will be
permanently disabled. The ports are unavailable to be enabled or
enumerated by a host controller. The ports can be disabled in any order, the
internal logic will automatically report the correct number of enabled ports to
the USB host and will reorder the active ports in order to ensure proper
function.
When using the internal default option, the PRT_DIS[1:0] pins will disable the
appropriate ports.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Controls physical port 3
Bit 2= Controls physical port 2
Bit 1= Controls physical port 1
Bit 0 is Reserved
BIT
BYTE NAME
DESCRIPTION
7:0
MAX_PWR_SP
Value in 2 mA increments that the hub consumes when operating as a self-
powered hub. This value includes the hub silicon along with the combined
power consumption of all associated circuitry on the board. This value also
includes the power consumption of a permanently attached peripheral if the
hub is configured as a compound device, and the embedded peripheral
reports 0 mA in its descriptors.
Note:
The USB 2.0 Specification does not permit this value to exceed 100
mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com