Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 60Page - ATMEL Corporation ATmega165 Datasheet HTML 61Page - ATMEL Corporation ATmega165 Datasheet HTML 62Page - ATMEL Corporation ATmega165 Datasheet HTML 63Page - ATMEL Corporation ATmega165 Datasheet HTML 64Page - ATMEL Corporation ATmega165 Datasheet HTML 65Page - ATMEL Corporation ATmega165 Datasheet HTML 66Page - ATMEL Corporation ATmega165 Datasheet HTML 67Page - ATMEL Corporation ATmega165 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 336 page
background image
64
ATmega165/V
2573G–AVR–07/09
Table 28 and Table 29 relate the alternate functions of Port B to the overriding signals
shown in Figure 26 on page 60. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute
the MISO signal, while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE
INPUT.
Table 28. Overriding Signals for Alternate Functions in PB7..PB4
Signal
Name
PB7/OC2A/
PCINT15
PB6/OC1B/
PCINT14
PB5/OC1A/
PCINT13
PB4/OC0A/
PCINT12
PUOE
0
000
PUOV
0
000
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC2A ENABLE
OC1B ENABLE
OC1A ENABLE
OC0A ENABLE
PVOV
OC2A
OC1B
OC1A
OC0A
PTOE
–
–––
DIEOE
PCINT15 •
PCIE1
PCINT14 • PCIE1
PCINT13 • PCIE1
PCINT12 •
PCIE1
DIEOV
1
111
DI
PCINT15 INPUT
PCINT14 INPUT
PCINT13 INPUT
PCINT12 INPUT
AIO
–
–––
Table 29. Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/MISO/
PCINT11
PB2/MOSI/
PCINT10
PB1/SCK/
PCINT9
PB0/SS/
PCINT8
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB3 • PUD
PORTB2 • PUD
PORTB1 • PUD
PORTB0 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SPI SLAVE
OUTPUT
SPI MSTR
OUTPUT
SCK OUTPUT
0
PTOE
–
–
–
–
DIEOE
PCINT11 • PCIE1
PCINT10 • PCIE1
PCINT9 • PCIE1
PCINT8 •
PCIE1
DIEOV
1
1
1
1
DI
PCINT11 INPUT
SPI MSTR INPUT
PCINT10 INPUT
SPI SLAVE INPUT
PCINT9 INPUT
SCK INPUT
PCINT8 INPUT
SPI SS
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com