Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 30Page - ATMEL Corporation ATmega165 Datasheet HTML 31Page - ATMEL Corporation ATmega165 Datasheet HTML 32Page - ATMEL Corporation ATmega165 Datasheet HTML 33Page - ATMEL Corporation ATmega165 Datasheet HTML 34Page - ATMEL Corporation ATmega165 Datasheet HTML 35Page - ATMEL Corporation ATmega165 Datasheet HTML 36Page - ATMEL Corporation ATmega165 Datasheet HTML 37Page - ATMEL Corporation ATmega165 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 336 page
background image
34
ATmega165/V
2573G–AVR–07/09
Oscillator is stopped during sleep. If the Timer/Counter2 is using the synchronous clock,
the clock source is stopped during sleep. Note that even if the synchronous clock is run-
ning in Power-save, this clock is only available for the Timer/Counter2.
Standby Mode
When the SM2..0 bits are 110 and an external crystal/resonator clock option is selected,
the SLEEP instruction makes the MCU enter Standby mode. This mode is identical to
Power-down with the exception that the Oscillator is kept running. From Standby mode,
the device wakes up in six clock cycles.
Notes:
1. Only recommended with external crystal or resonator selected as clock source.
2. If Timer/Counter2 is not running in asynchronous mode.
3. For INT0, only level interrupt.
Power Reduction
Register
The Power Reduction Register, PRR, provides a method to stop the clock to individual
peripherals to reduce power consumption. The current state of the peripheral is frozen
and the I/O registers can not be read or written. Resources used by the peripheral when
stopping the clock will remain occupied, hence the peripheral should in most cases be
disabled before stopping the clock. Waking up a module, which is done by clearing the
bit in PRR, puts the module in the same state as before shutdown.
Module shutdown can be used in Idle mode and Active mode to significantly reduce the
overall power consumption. See “Supply Current of I/O modules” on page 290 for exam-
ples. In all other sleep modes, the clock is already stopped.
Power Reduction Register -
PRR
• Bit 7..4 - Res: Reserved bits
These bits are reserved in ATmega165 and will always read as zero.
• Bit 3 - PRTIM1: Power Reduction Timer/Counter1
Writing a logic one to this bit shuts down the Timer/Counter1 module. When the
Timer/Counter1 is enabled, operation will continue like before the shutdown.
Table 15. Active Clock Domains and Wake-up Sources in the Different Sleep Modes.
Active Clock Domains
Oscillators
Wake-up Sources
Sleep Mode
clk
CPU
clk
FLASH
clk
IO
clk
ADC
clk
ASY
Main Clock
Source
Enabled
Timer
Osc
Enabled
INT0
and Pin
Change
USI Start
Condition
Timer2
SPM/
EEPROM
Ready
ADC
Other
I/O
Idle
X
X
X
X
X(2)
XX
X
X
X
X
ADC Noise
Reduction
X
X
X
X(2)
X(3)
XX(2)
XX
Power-down
X(3)
X
Power-save
X
X
X(3)
XX
Standby(1)
XX(3)
X
Bit
765
4
3
2
1
0
–
–
–
–
PRTIM1
PRSPI
PRUSART0
PRADC
PRR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com