Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 96 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 92Page - ATMEL Corporation ATmega165 Datasheet HTML 93Page - ATMEL Corporation ATmega165 Datasheet HTML 94Page - ATMEL Corporation ATmega165 Datasheet HTML 95Page - ATMEL Corporation ATmega165 Datasheet HTML 96Page - ATMEL Corporation ATmega165 Datasheet HTML 97Page - ATMEL Corporation ATmega165 Datasheet HTML 98Page - ATMEL Corporation ATmega165 Datasheet HTML 99Page - ATMEL Corporation ATmega165 Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 336 page
background image
96
ATmega165/V
2573G–AVR–07/09
The following code examples show how to do an atomic write of the TCNT1 Register
contents. Writing any of the OCR1A/B or ICR1 Registers can be done by using the
same principle.
Note:
1. See “About Code Examples” on page 6.
The assembly code example requires that the r17:r16 register pair contains the value to
be written to TCNT1.
Reusing the Temporary High
Byte Register
If writing to more than one 16-bit register where the high byte is the same for all registers
written, then the high byte only needs to be written once. However, note that the same
rule of atomic operation described previously also applies in this case.
Assembly Code Example(1)
TIM16_WriteTCNT
1:
; Save global interrupt flag
in
r18,SREG
; Disable interrupts
cli
; Set TCNT
1 to r17:r16
out
TCNT
1H,r17
out
TCNT
1L,r16
; Restore global interrupt flag
out
SREG,r18
ret
C Code Example
(1)
void
TIM16_WriteTCNT
1( unsigned int i )
{
unsigned char
sreg;
unsigned int
i;
/* Save global interrupt flag */
sreg = SREG;
/* Disable interrupts */
__disable_interrupt();
/* Set TCNT
1 to i */
TCNT
1 = i;
/* Restore global interrupt flag */
SREG = sreg;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com