Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 75Page - ATMEL Corporation ATmega165 Datasheet HTML 76Page - ATMEL Corporation ATmega165 Datasheet HTML 77Page - ATMEL Corporation ATmega165 Datasheet HTML 78Page - ATMEL Corporation ATmega165 Datasheet HTML 79Page - ATMEL Corporation ATmega165 Datasheet HTML 80Page - ATMEL Corporation ATmega165 Datasheet HTML 81Page - ATMEL Corporation ATmega165 Datasheet HTML 82Page - ATMEL Corporation ATmega165 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 336 page
background image
79
ATmega165/V
2573G–AVR–07/09
Compare Match Output
Unit
The Compare Output mode (COM0A1:0) bits have two functions. The Waveform Gener-
ator uses the COM0A1:0 bits for defining the Output Compare (OC0A) state at the next
compare match. Also, the COM0A1:0 bits control the OC0A pin output source. Figure 30
shows a simplified schematic of the logic affected by the COM0A1:0 bit setting. The I/O
Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the
general I/O port control registers (DDR and PORT) that are affected by the COM0A1:0
bits are shown. When referring to the OC0A state, the reference is for the internal OC0A
Register, not the OC0A pin. If a System Reset occur, the OC0A Register is reset to “0”.
Figure 30. Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OC0A) from the
Waveform Generator if either of the COM0A1:0 bits are set. However, the OC0A pin
direction (input or output) is still controlled by the Data Direction Register (DDR) for the
port pin. The Data Direction Register bit for the OC0A pin (DDR_OC0A) must be set as
output before the OC0A value is visible on the pin. The port override function is indepen-
dent of the Waveform Generation mode.
The design of the Output Compare pin logic allows initialization of the OC0A state
before the output is enabled. Note that some COM0A1:0 bit settings are reserved for
certain modes of operation. See “8-bit Timer/Counter Register Description” on page 85.
Compare Output Mode and
Waveform Generation
The Waveform Generator uses the COM0A1:0 bits differently in Normal, CTC, and
PWM modes. For all modes, setting the COM0A1:0 = 0 tells the Waveform Generator
that no action on the OC0A Register is to be performed on the next compare match. For
compare output actions in the non-PWM modes refer to Table 43 on page 86. For fast
PWM mode, refer to Table 44 on page 86, and for phase correct PWM refer to Table 45
on page 87.
A change of the COM0A1:0 bits state will have effect at the first compare match after the
bits are written. For non-PWM modes, the action can be forced to have immediate effect
by using the FOC0A strobe bits.
PORT
DDR
DQ
DQ
OCn
Pin
OCnx
DQ
Waveform
Generator
COMnx1
COMnx0
0
1
FOCn
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com