Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 82Page - ATMEL Corporation ATmega165 Datasheet HTML 83Page - ATMEL Corporation ATmega165 Datasheet HTML 84Page - ATMEL Corporation ATmega165 Datasheet HTML 85Page - ATMEL Corporation ATmega165 Datasheet HTML 86Page - ATMEL Corporation ATmega165 Datasheet HTML 87Page - ATMEL Corporation ATmega165 Datasheet HTML 88Page - ATMEL Corporation ATmega165 Datasheet HTML 89Page - ATMEL Corporation ATmega165 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 336 page
background image
86
ATmega165/V
2573G–AVR–07/09
Note:
1. The CTC0 and PWM0 bit definition names are now obsolete. Use the WGM01:0 def-
initions. However, the functionality and location of these bits are compatible with
previous versions of the timer.
• Bit 5:4 – COM0A1:0: Compare Match Output Mode
These bits control the Output Compare pin (OC0A) behavior. If one or both of the
COM0A1:0 bits are set, the OC0A output overrides the normal port functionality of the
I/O pin it is connected to. However, note that the Data Direction Register (DDR) bit cor-
responding to the OC0A pin must be set in order to enable the output driver.
When OC0A is connected to the pin, the function of the COM0A1:0 bits depends on the
WGM01:0 bit setting. Table 43 shows the COM0A1:0 bit functionality when the
WGM01:0 bits are set to a normal or CTC mode (non-PWM).
Table 44 shows the COM0A1:0 bit functionality when the WGM01:0 bits are set to fast
PWM mode.
Note:
1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case,
the compare match is ignored, but the set or clear is done at TOP. See “Fast PWM
Mode” on page 81 for more details.
Table 42. Waveform Generation Mode Bit Description(1)
Mode
WGM01
(CTC0)
WGM00
(PWM0)
Timer/Counter
Mode of Operation
TOP
Update of
OCR0A at
TOV0 Flag
Set on
0
0
0
Normal
0xFF
Immediate
MAX
1
0
1
PWM, Phase Correct
0xFF
TOP
BOTTOM
2
1
0
CTC
OCR0A
Immediate
MAX
3
1
1
Fast PWM
0xFF
BOTTOM
MAX
Table 43. Compare Output Mode, non-PWM Mode
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
0
1
Toggle OC0A on compare match
1
0
Clear OC0A on compare match
1
1
Set OC0A on compare match
Table 44. Compare Output Mode, Fast PWM Mode(1)
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
01
Reserved
1
0
Clear OC0A on compare match, set OC0A at BOTTOM,
(non-inverting mode)
1
1
Set OC0A on compare match, clear OC0A at BOTTOM,
(inverting mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com