Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 28Page - ATMEL Corporation ATmega165 Datasheet HTML 29Page - ATMEL Corporation ATmega165 Datasheet HTML 30Page - ATMEL Corporation ATmega165 Datasheet HTML 31Page - ATMEL Corporation ATmega165 Datasheet HTML 32Page - ATMEL Corporation ATmega165 Datasheet HTML 33Page - ATMEL Corporation ATmega165 Datasheet HTML 34Page - ATMEL Corporation ATmega165 Datasheet HTML 35Page - ATMEL Corporation ATmega165 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 336 page
background image
32
ATmega165/V
2573G–AVR–07/09
Power Management
and Sleep Modes
Sleep modes enable the application to shut down unused modules in the MCU, thereby
saving power. The AVR provides various sleep modes allowing the user to tailor the
power consumption to the application’s requirements.
To enter any of the five sleep modes, the SE bit in SMCR must be written to logic one
and a SLEEP instruction must be executed. The SM2, SM1, and SM0 bits in the SMCR
Register select which sleep mode (Idle, ADC Noise Reduction, Power-down, Power-
save, or Standby) will be activated by the SLEEP instruction. See Table 14 for a sum-
mary. If an enabled interrupt occurs while the MCU is in a sleep mode, the MCU wakes
up. The MCU is then halted for four cycles in addition to the start-up time, executes the
interrupt routine, and resumes execution from the instruction following SLEEP. The con-
tents of the Register File and SRAM are unaltered when the device wakes up from
sleep. If a reset occurs during sleep mode, the MCU wakes up and executes from the
Reset Vector.
Figure 11 on page 23 presents the different clock systems in the ATmega165, and their
distribution. The figure is helpful in selecting an appropriate sleep mode.
Sleep Mode Control Register –
SMCR
The Sleep Mode Control Register contains control bits for power management.
• Bits 3, 2, 1 – SM2..0: Sleep Mode Select Bits 2, 1, and 0
These bits select between the five available sleep modes as shown in Table 14.
Note:
1. Standby mode is only recommended for use with external crystals or resonators.
• Bit 1 – SE: Sleep Enable
The SE bit must be written to logic one to make the MCU enter the sleep mode when the
SLEEP instruction is executed. To avoid the MCU entering the sleep mode unless it is
the programmer’s purpose, it is recommended to write the Sleep Enable (SE) bit to one
just before the execution of the SLEEP instruction and to clear it immediately after wak-
ing up.
Bit
7654
321
0
–
–
–
–
SM2
SM1
SM0
SE
SMCR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Table 14. Sleep Mode Select
SM2
SM1
SM0
Sleep Mode
00
0
Idle
0
0
1
ADC Noise Reduction
0
1
0
Power-down
01
1
Power-save
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Standby(1)
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com