Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 23Page - ATMEL Corporation ATmega165 Datasheet HTML 24Page - ATMEL Corporation ATmega165 Datasheet HTML 25Page - ATMEL Corporation ATmega165 Datasheet HTML 26Page - ATMEL Corporation ATmega165 Datasheet HTML 27Page - ATMEL Corporation ATmega165 Datasheet HTML 28Page - ATMEL Corporation ATmega165 Datasheet HTML 29Page - ATMEL Corporation ATmega165 Datasheet HTML 30Page - ATMEL Corporation ATmega165 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 336 page
background image
27
ATmega165/V
2573G–AVR–07/09
Note:
1. This option should only be used if frequency stability at start-up is not important for
the application
Calibrated Internal RC
Oscillator
The calibrated internal RC Oscillator provides a fixed 8.0 MHz clock. The frequency is
nominal value at 3V and 25
⋅C. If 8 MHz frequency exceeds the specification of the
device (depends on V
CC), the CKDIV8 Fuse must be programmed in order to divide the
internal frequency by 8 during start-up. The device is shipped with the CKDIV8 Fuse
programmed. See “System Clock Prescaler” on page 29. for more details. This clock
may be selected as the system clock by programming the CKSEL Fuses as shown in
Table 8. If selected, it will operate with no external components. During reset, hardware
loads the calibration byte into the OSCCAL Register and thereby automatically cali-
brates the RC Oscillator. At 3V and 25
⋅C, this calibration gives a frequency within ± 10%
of the nominal frequency. Using calibration methods as described in application notes
available at www.atmel.com/avr it is possible to achieve ± 2% accuracy at any given V
CC
and Temperature. When this Oscillator is used as the chip clock, the Watchdog Oscilla-
tor will still be used for the Watchdog Timer and for the Reset Time-out. For more
information on the pre-programmed calibration value, see the section “Calibration Byte”
on page 249.
Note:
1. The device is shipped with this option selected.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as
shown in Table 9. Selecting internal RC Oscillator allows the XTAL1/TOSC1 and
XTAL2/TOSC2 pins to be used as timer oscillator pins.
Note:
1. The device is shipped with this option selected.
Table 7. Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
CKSEL3..0
Start-up Time from
Power-down and Power-save
Recommended Usage
0110(1)
1K CK
0111
32K CK
Stable frequency at start-up
Table 8. Internal Calibrated RC Oscillator Operating Modes
(1)
CKSEL3..0
Nominal Frequency
0010
8.0 MHz
Table 9. Start-up times for the internal calibrated RC Oscillator clock selection
SUT1..0
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (V
CC = 5.0V)
Recommended Usage
00
6 CK
14CK
BOD enabled
01
6 CK
14CK + 4.1 ms
Fast rising power
10(1)
6 CK
14CK + 65 ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com